Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 567 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 567 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 563Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 564Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 565Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 566Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 567Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 568Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 569Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 570Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 571Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 590 page
background image
Chapter 22 Electrical Characteristics
22-1
22. Electrical Characteristics
22.1 Absolute Maximum Rating
(*1)
Parameter
Symbol
Rating
Unit
Supply voltage (for I/O)
VCCIOMax
−0.3 ~ 3.9
V
Supply voltage (for internal)
VCCIntMax
−0.3 ~ 3.0
V
Input voltage
(*2)
VIN
−0.3 ~ VCCIO + 0.3
V
Storage Temperature
TSTG
−40 ~ +125
°C
*1:
If LSI is used above the maximum ratings, permanent destruction of LSI can result. In addition,
it is desirable to use LSI for normal operation under the recommended condition. If these conditions
are exceeded, reliability of LSI may be adversely affected.
*2:
The maximum rated VCCIOMax voltage must not be exceeded even at VCCIO + 0.3 volts.
22.2 Recommended Operating Conditions
(*3)
Parameter
Symbol
Condition
Min.
Max.
Unit
I/O
VCCIO
3.0
3.6
V
Supply voltage
Internal
VCCINT
1.4
1.6
V
Operating Case Temperature
TC
070
°C
*3:
Functional operation should be restricted to the recommended operating conditions. Those are the
limits under which proper device operation is guaranteed. Therefore, the end product must be
designed within the recommended voltage and temperature ranges indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com