Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 570 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 570 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 566Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 567Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 568Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 569Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 570Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 571Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 572Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 573Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 574Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 590 page
background image
Chapter 22 Electrical Characteristics
22-4
22.5 AC Characteristics
22.5.1
MASTERCLK AC Characteristics
(Tc = 0 ~ 70
°C, VCCIO = 3.3 V ± 0.3 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Parameter
SYM
Condition
Min.
Max.
Unit
MASTERCLK Period
tMCP
50
ns
MASTERCLK Frequency
(*1)
fMCK
20
MHz
MASTERCLK High
tMCH
3
ns
MASTERCLK Low
tMCL
3
ns
Internal Operating Frequency
fCPU
25
200
MHz
MASTERCLK Rise Time
tMCR
2ns
MASTERCLK Fall Time
tMCF
2ns
*1:
Proper circuit operation of the TX4925 is guaranteed only when power supply to it is stable and the on-chip PLL is enabled.
Figure 22.5.1 Timing Diagrams: MASTERCLK
22.5.2
Power On AC Characteristics
(Tc = 0 ~ 70
°C, VCCIO = 3.3 V ± 0.3 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Parameter
SYM
Condition
Min.
Max.
Unit
PON* width time
tMCO_PLL
1
ms
PLL stable time
tMCP_PLL
10
ms
RESET* width time
tMCH_PLL
1
ms
Figure 22.5.2 Timing Diagrams: POWER ON RESET
0.8 VCC
0.2 VCC
tMCP
MASTERCLK
tMCL
tMCH
tMCR
tMCF
Vdd
MASTERCLK
MASTERCLK
Stable time
RESET*
PON*
PLL Output
CPUCLK
GBUSCLK
PCICLK
tMCP_PLL
tMCH_PLL
//
//
//
//
//
//
//
//
//
//
//
//
//
//
//
//
//
//
tMCO_PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com