Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 569 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 569 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 565Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 566Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 567Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 568Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 569Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 570Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 571Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 572Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 573Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 590 page
background image
Chapter 22 Electrical Characteristics
22-3
22.3.2
DC Characteristics Except for PCI Interface
(Tc = 0 ~ 70
°C, VCCIO = 3.3 V ± 0.3 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Parameter
SYM
Conditions
Min.
Max.
Unit
Low-level input voltage
VILPCI
(1)
-0.5
0.9
V
High-level input voltage
VIHPCI
(1)
1.8
VCCIO + 0.3
V
High-level output voltage
VOHPCI
(2) IOUT = −500 µAVCCIO × 0.9
V
Low-level output voltage
VOLPCI
(2) IOUT = 1500 µA
VCCIO × 0.1
V
Input leakage current
IIHPCI
IILPCI
(1) 0 < VIN < VCCIO
-10
-10
10
10
µA
µA
(1): PCICLKIO, PCIAD[31:0], C_BE[3:0], PAR, FRAME*, IRDY*, TRDY*, STOP*, ID_SEL, DEVSEL*, REQ[3:0]*, GNT[3:0]*,
PERR*, SERR
(2): All PCI interface except ID SEL.
22.4 Power Circuit for PLL
22.4.1
Recommended Circuit for PLL
Parameter
Symbol
AS a Reference Value
Unit
Resistor
R
5.6
Ω
Inductance
L
2.2
µH
Capacitor
C1
C2
C3
1
82
10
nF
nF
µF
VddInt / VddPLL
1.5
± 0.1
V
Note: Reference
Figure 22.4.1 Power Circuit for PLL
TX4925
Vss
VddInt
PLL1Vdd_A
PLL1Vss A
RL
C1
C2
C3
L
R
C1, C2, C3, R, and L should be placed as
closed to the processor as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com