Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 565 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 565 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 561Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 562Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 563Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 564Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 565Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 566Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 567Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 568Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 569Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 590 page
background image
Chapter 21 Extended EJTAG Interface
21-7
21.3 Initializing the Extended EJTAG Interface
The Extended EJTAG Interface is not reset by asserting the RESET* signal. Operation of the TX49/H2
core is not guaranteed if the Extended EJTAG Interface is not reset. This interface is initialized by either of
the following methods.
•
Assert the TRST* signal.
•
After clearing the processor reset, set the TMS input to High for five consecutive rising edges of the
TCK input. The reset state is maintained if TMS is able to maintain the High state.
The above methods must be performed while the MASTERCLK signal is being input. Also, externally fix
the TRST* signal to GND when not using an emulation probe. The G-Bus Time Out Detection function is
disabled when the TRST* signal is deasserted. (Refer to Section 5.1.1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com