Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 561 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 561 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 557Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 558Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 559Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 560Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 561Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 562Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 563Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 564Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 565Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 590 page
background image
Chapter 21 Extended EJTAG Interface
21-3
21.2.2
Instruction Register
The JTAG Instruction Register consists of an 8-bit shift register. This register is used for selecting
either one or both of the test to be performed and the Test Data Register to be accessed. The Data
Register is selected according to the instruction code in Table 21.2.1. Refer to the “64-Bit TX System
RISC TX49/H2 Core Architecture” for more information regarding each instruction.
Table 21.2.1 Bit Configuration of JTAG Instruction Register
Instruction Code
MSB
→ LSB
Instruction
Selected Data Register
00000000 (0x00)
EXTEST
Boundary Scan Register
00000001 (0x01)
SAMPLE/PRELOAD
Boundary Scan Register
00000010 (0x02)
Reserved
Reserved
00000011 (0x03)
IDCODE
Device ID Register
00000100 - 00001111
Reserved
Reserved
00010000 (0x10)
HIGHZ
Bypass Register
00010001 - 01111111
Reserved
Reserved
10000000 - 11111110
Refer to the TX49/H2 Core Architecture Manual
11111111 (0xFF)
BYPASS
Bypass Register
Figure 21.2.1 shows the format of the Instruction Register.
76
54
32
10
MSB
LSB
Figure 21.2.1 Instruction Register
The instruction code is shifted to the Instruction Register starting from the Least Significant Bit.
LSB
TDO
TDI
MSB
Figure 21.2.2 Shift Direction of the Instruction Register
21.2.3
Boundary Scan Register
The Boundary Scan Register contains a single 178-bit shift register to which all TX4925 I/O signals
except for power supply, TDI, TCK, TDO, TMS, TRST* are connected. TEST* and SCANENB*
cannot be tested, but it is possible for the Shift Register to sample the input. Figure 21.2.3. shows the
bits of the Boundary Scan Register.
255
0
Refer to Table 21.2.2.
Figure 21.2.3 Boundary Scan Register
Table 21.2.2 shows the scan sequence of 178 signals starting from TDI and ending with TDO.
TDI input is fetched to the Least Significant Bit (LSB) of the Boundary Scan Register and the Most
Significant Bit (MSB) of the Boundary Scan Register is sent from the TDO output.
Table 21.2.2 shows the boundary scan sequence relative to the processor signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com