Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 559 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 559 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 555Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 556Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 557Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 558Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 559Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 560Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 561Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 562Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 563Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 590 page
background image
Chapter 21 Extended EJTAG Interface
21-1
21. Extended EJTAG Interface
21.1 Extended EJTAG Interface
The TX4925 Extended EJTAG (Enhanced Joint Test Action Group) Interface provides two real-time
debugging functions. One is the IEEE1149.1 standard compliant JTAG Boundary Scan Test, and the other is
the Debugging Support Unit (DSU) that is built into the TX49/H2 core.
JTAG Boundary Scan Test
•
IEEE1149.1 compatible TAP Controller
•
Supports the following five instructions: EXTEST, SAMPLE/PRELOAD, IDCODE,
BYPASS, HIGHZ
Real-time Debugging
•
Real-time debugging using an emulation probe (made by Corelis or YDC)
•
Execution control (run, break, step, register/memory access)
•
Real-time PC tracing
Please contact your local Toshiba Sales representative for more information regarding how to connect the
emulation probe.
The two functions of the Extended EJTAG Interface operate in one of two modes.
PC Trace Mode
•
Execution control (fun, pause, access single steps, access internal register/system memory)
•
JTAG Boundary Scan Test
Real-time Mode
•
Real-time PC tracing
Refer to Section 3.1.14 for more information regarding signals used with the Extended EJTAG Interface.
Table 21.1.1 EJTAG Interface Function and Operation Code
PC Tracing Mode
Off
On
JTAG Boundary Scan
Boundary Scan Test
Real-time Debugging
Execution Control
Real-time PC Tracing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com