Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 568 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 568 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 564Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 565Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 566Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 567Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 568Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 569Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 570Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 571Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 572Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 590 page
background image
Chapter 22 Electrical Characteristics
22-2
22.3 DC Characteristics
22.3.1
DC Characteristics Except for PCI Interface
(Tc = 0 ~ 70
°C, VCCIO = 3.3 V ± 0.3 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Parameter
SYM
Conditions
Min.
Max.
Unit
Low-level input voltage
VIL1
(1)
-0.3
0.8
V
High-level input voltage
VIH1
(1)
2.0
VCCIO + 0.3
V
Low-level output current
IOL1
IOL2
(2)VOL = 0.4 V
(3)VOL = 0.4 V
16
8
mA
mA
High-level output current
IOH1
IOH2
(2)VOH = 2.4 V
(3)VOH = 2.4 V
−16
−8
mA
mA
Low-level input
Leakage current
IIL1
IIL2
(4)VIN=VSS
(5)VIN=VSS
-10
-200
10
10
µA
µA
High-level input
Leakage current
IIH1
(6)VIN=VCCIO
-10
10
µA
Operating current
IDDDInt
IDDDIO
Input 200 MHz, GBUSCLK 2.5 RF
600
150
mA
mA
(1): All input and input-mode bidirectional pins except PCI interface signals.
(2): PIO[4,2,0], SYSCLK, BUSSPRT*, RP*, DQM[3:0], CAS*, WE*, SDCS[3:0], RAS*, CKE, SDCLK[1:0], ACK*, DATA[31:0],
ADDR[19:16,14,5], SADDR10
(3): PIO[31:5,3,1], BWE[3:0]*, SWE*, CE[3:0]*, OE*, SDCLKIN, UAE, ADDR[15,4:0], BC32K, TDO
(4): PIO[17:12], TRST*, SDCLKIN, RESET*, PON*, TEST*, MASTERCLK, SCANENB*
(5): PIO[31:18,11:0], ACK*, DATA[31:0], ADDR[19:0], SADDR10, TCK, TDI, TMS, NMI*
(6): (4), (5) Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com