Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 181 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 181 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 185Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 590 page
background image
Chapter 8 DMA Controller
8-11
Example: When the transfer address is 0x0001_0000, the DMA Source Address Register
(DMSARn) is as follows below.
•
DMSAIRn setting is “0” or greater: 0x0001_0000
•
DMSAIRn setting is a negative value: 0x0001_0003
Table 8.3.3 Channel Register Setting Restrictions During Dual Address Transfer
DMSARn[1:0]
DMDARn[1:0]
Transfer Setting
Size
(DMCCRn.XFSZ)
DMSAIRn
setting is 0
or greater
DMSAIRn
setting is a
negative
value
DMDAIRn
setting is 0
or greater
DMDAIRn
setting is a
negative
value
DMSAIRn DMDAIRn
DMCNTRn
[1:0]
DMCCRn.
REVBYTE
1 Byte
**
**
**
**
**
**
**
0
2 Bytes
*0
*1
*0
*1
*0
*0
*00
4 Bytes
0011
00110000
00
0/1
4 / 8 Wods
(DMMCR.FIFUM[n]
=0)
00
11
00
11
00
00
00
0/1
00
11
00
11
4/0/-4
4/-4 ‡
00
0/1
**
-
**
-4
4
0
4 / 8 Words
(DMMCR.FIFUM[n]
=1)
-
**
-
**
-4
-4
**
0
16 Words
Cannot be set (Configuration Error)
32 Words
Cannot be set (Configuration Error)
†: 4, 0 or -4 can be specified when Source Burst Inhibit bit (DMCCRn, SBINH) is set.
‡: 4, 0 or -4 can be specified when DestinationBurst Inhibit bit (DMCCRn.DBINH) is set.
8.3.8.2
Burst Transfer During Dual Address Transfer
The DMA Controller has a 32-bit 8-stage FIFO on-chip that is connected to the internal bus (G-
Bus) for Burst transfer during Dual Address transfer. Since this FIFO employs a shifter, it is
possible to perform transfer of any address or data size. Burst transfer is only performed when 4
Words or 8 Words is set by the Transfer Setting Size field (DMCCRn.XFSZ) and the FIFO Use
Enable bit (DMMCRn.FIFUM[n]) of the DMA Master Control Register is set.
According to the SDRAM Controller and External Bus Controller specifications, the DMA
Controller cannot perform Burst transfer that spans across 32 word boundaries. Consequently, if
the address that starts DMA transfer is not a multiple of the transfer setting size (DMCCRn.XFSZ)
(is not aligned), transfer cannot be performed by any of the transfer sizes that were specified by a
Burst transfer. Therefore, it is necessary to divide the transfer into multiple Burst transactions of a
transfer size smaller than the specified transfer size. This division method changes according to
the seting of the Transfer Size Mode bit (DMCCRn.USEXFSZ) of the DMA Channel Control
Register and whether or not the address offset relative to the Transfer Setting size
(DMCCRn.XFSZ) is equivalent to the source address and destination address combined.
Figure 8.3.3 shows Dual Address Burst transfer when the Transfer Size Mode bit
(DMCCRn.USEXFSZ) is set to “1”, the lower 7 bits of the Transfer Start address for the transfer
source are set to 0x54, the lower 7 bits of the Transfer Start address for the transfer destination are
set to 0x1C, and the Transfer Setting Size (DMCCRn.XFSZ) is set to 8 Words.
Transfer repeats according to the transfer setting size, regardless of the different address offsets.
However, transfers that span across 32 word boundaries are divided. Since data remains in the on-
chip FIFO when in this mode, it becomes possible to share the on-chip FIFO among multiple
DMA channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com