Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 179 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 179 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 183Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 590 page
background image
Chapter 8 DMA Controller
8-9
During Single Address transfer, the DMA Destination Address Register (DMDARn) and DMA
Destination Address Increment Register (DMDAIRn) settings are ignored.
Table 8.3.2 Channel Register Setting Restrictions During Single Address Transfer
DMSARn[1:0]
Transfer Setting
Size
(DMCCRn.XFSZ)
DMSAIRn is “0” or
greater
DMSAIRn setting is a
negative value
DMSAIRn[1:0]
DMCNTRn[1:0]
1 Byte
**
**
**
**
2 Bytes
*0
*1
*0
*0
4 Bytes
00
11
00
00
4 Words
8 Words
16 Words
32 Words
00
11
4/0/-4
00
8.3.7.2
Burst Transfer During Single Address Transfer
According to the SDRAM Controller and External Bus Controller specifications, the DMA
Controller cannot perform Burst transfer that spans across 32 word boundaries. Consequently, if
the address that starts DMA transfer is not a multiple of the transfer setting size (DMCCRn.XFSZ)
(is not aligned), transfer cannot be performed by any of the transfer sizes that were specified by a
Burst transfer. Therefore, the DMA Controller executes multiple Burst transactions of a transfer
size smaller than the specified transfer size. This division method changes according to the seting
of the Transfer Size Mode bit (DMCCRn.USEXFSZ) of the DMA Channel Control Register.
Figure 8.3.2 shows the Single Address Burst transfer status when the lower 7 bits of the
Transfer Start address are 0x54 and the transfer setting size (DMCCRn.XFSZ) is set to 4 words.
Panel (a) of this figure shows the situation when the Transfer Size Mode bit
(DMCCRn.USEXFSZ) is “0”. In this case, first a three word transfer is performed up to the
address aligned to the transfer setting size. Then, four word transfer specified by the transfer
setting size is repeated. This setting is normally used.
On the other hand, panel (b) shows when the Transfer Size Mode bit (DMCCRn.USEXFSWZ)
is “1”. in this case, transfer is repeated according to the transfer setting size. Three word transfer
and one word transfer is only performed consecutively without releasing bus ownership when
transfer spans across a 32 word boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com