Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 176Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 177Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 178Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 179Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 590 page
background image
Chapter 8 DMA Controller
8-6
•
Single Address transfer from memory to an external I/O device (DMCCRn.MEMIO = “0”)
External memory Write operation to an address specified by the DMA Source Address
Register (DMSARn) is performed simultaneously to assertion of the DMAACK[n] signal. At
this time, the external I/O device drives the DATA signal instead of the TX4925.
Special attention must be paid to the timing design when the bus clock frequency is high or
when performing Burst transfer. Single Address transfer using Burst transfer with SDRAM is not
recommended.
8.3.3.4
DMADONE* Signal
The DMADONE* signal operates as either the DMA stop request input signal or the DMA
done signalling output signal, or may operate as both of these signals depending on the setting of
the DONE Control Field (DNCTRL) of the DMA Channel Control Register (DMCCRn).
The DMADONE* signal is shared by four channels. The DMADONE* channel is valid for a
channel when the DMAACK[n] signal for that channel is asserted.
If the DMADONE* channel is set to be used as an output signal (DMCCRn.DNCTRL = 10/11),
it will operate as follows depending on the setting of the Chain End bit (CHDN) of the DMA
Channel Control Register (DMCCRn).
When the Chain End bit (CHDN) is set, the DMADONE* signal is only asserted when the
DMAACK[n] signal for the last DMA transfer in the Link List Command Chain is asserted.
When the Chain End bit (CHDN) is cleared, the DMADONE* signal is asserted when the
DMAACK[n] signal for the last data transfer in a DMA transfer specified by the current DMA
Channel Register is asserted. Namely, if the Link List Command chain is used, there is one
assertion at the end of each data transfer specified by each Descriptor.
If the DMADONE* signal is set to be used as an input signal (DMCCRn.DNCTRL = 01/11),
DMA transfer can be set to end normally when the external device asserts the DMADONE* signal
when the DMAACK[n] signal of channel n is asserted. DMADONE* is asserted during
DMAACK[n] is not asserted, then unexpected operation occurs. When DMA transfer is
terminated by the DMADONE* assertion of the external device, the External DONE Assert bit
(DMCSRn.EXTDN) of the DMA Channel Status Register is set regardless of the setting of the
Chain End bit (CHDN) of the DMA Channel Control Register (DMCCRn). Operation is as
follows depending on the setting of the Chain End bit (CHDN).
When the Chain End bit (CHDN) is set, all DMA transfer for that chain is terminated. At this
time, the Normal Chain End bit (NCHNC) and the Normal Transfer End bit (NTRNFC) of the
DMA Channel Status Register are both set and the Transfer Active bit (DMCCRn.XFACT) of the
DMA Channel Control Register is cleared.
When the Chain End bit (CHDN) is cleared, only DMA transfer specified by the current DMA
Channel Register ends normally, and only the Normal Transfer End bit (NTRNFC) is set. When
the Chain Enable bit (CHNEN) of the DMA Channel Control Register (DMCCRn) is set, chain
transfer is executed and DMA transfer continues. When the Chain Enable bit (CHNEN) is cleared,
the Transfer Active bit (DMCCRn.XFACT) is cleared and the Normal Chain End bit (NCHNC) is
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com