Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 12Page - NXP Semiconductors LPC55S3X Datasheet HTML 13Page - NXP Semiconductors LPC55S3X Datasheet HTML 14Page - NXP Semiconductors LPC55S3X Datasheet HTML 15Page - NXP Semiconductors LPC55S3X Datasheet HTML 16Page - NXP Semiconductors LPC55S3X Datasheet HTML 17Page - NXP Semiconductors LPC55S3X Datasheet HTML 18Page - NXP Semiconductors LPC55S3X Datasheet HTML 19Page - NXP Semiconductors LPC55S3X Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
16 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
I13 EXTTRIG_IN1 — Input Mux. Trigger input to selected
on-chip peripherals. Please refer to INPUT MUX
chapter of the Reference Manual.
14 R — Reserved.
15 R — Reserved.
PIO0_7/
HSCMP1_IN0
42 20
Z
I/O
0
PIO0_7/HSCMPIN0 — General-purpose digital
input/output pin. High-Speed Comparator 1, input 0.
Remark: The state of this pin along with PIO0_5 at
Reset determines the boot source for the part of if ISP
handler is invoked. See the Boot Process chapter in
the Reference Manual for more details.
I/O
1
FC3_RTS_SCL_SSEL1 — Flexcomm 3: USART
request-to-send, I2C clock, SPI slave select 1.
2
R — Reserved.
I/O
3
FC5_SCK — Flexcomm 5: USART, SPI, or I2S clock.
I/O
4
FC1_SCK — Flexcomm 1: USART, SPI, or I2S clock.
O5
PDM_CLK1 — PDM clock output for DMIC channel 1.
6
R — Reserved.
7
R — Reserved.
I8
MCLK — MCLK input or output for I2S and/or digital
microphone.
9
R — Reserved.
I/O
10 SEC_PIO0_7 — Secure GPIO pin.
I/O
11 PWM0_B0 — FlexPWM0
PWMB output of
SubModule0.
O12 TRIGOUT_6 — Trigger Output to pins. Please refer to
IOCON chapter.Input Mux.
O13 HSCMP2_OUT — High-Speed Comparator 2 output.
14 R — Reserved.
15 R — Reserved.
PIO0_8/
OPAMP0_INP
26 13
Z
I/O
0
PIO0_8/OPAMP0_INP — General-purpose digital
input/output pin. Op Amp 0 positive input.
I/O
1
FC3_SSEL3 — Flexcomm 3: SPI slave select 3.
2
R — Reserved.
I/O
3
FC5_RXD_SDA_MOSI_DATA — Flexcomm 5:
USART receiver, I2C data I/O, SPI
master-out/slave-in data, I2S data I/O.
O4
SWO — Serial Wire Debug trace output.
I/O
5
PDM_DATA1 — PDM data input for DMIC channel 1.
6
R — Reserved.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com