Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 90 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 86Page - NXP Semiconductors LPC55S3X Datasheet HTML 87Page - NXP Semiconductors LPC55S3X Datasheet HTML 88Page - NXP Semiconductors LPC55S3X Datasheet HTML 89Page - NXP Semiconductors LPC55S3X Datasheet HTML 90Page - NXP Semiconductors LPC55S3X Datasheet HTML 91Page - NXP Semiconductors LPC55S3X Datasheet HTML 92Page - NXP Semiconductors LPC55S3X Datasheet HTML 93Page - NXP Semiconductors LPC55S3X Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
90 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
10. Static characteristics
10.1 General operating conditions
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
Power library in SDK sets the DC-DC output or LDO output based on the frequency selected. For frequencies 100 MHz or below,
DC-DC output or LDO output is set between 1.025 V to 1.075 V, for frequencies between 101 MHz to 130 MHz, DC-DC output or LDO
output is set between 1.1 V to 1.175 V and for frequencies above 130 MHz, DC-DC output or LDO output is set between 1.150 V to 1.2
V. Typical default DC-DC output or LDO output is 1.1 V.
[3]
See: Section 13. "Application information".
Table 11.
General operating conditions
Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
fclk
clock frequency
internal CPU/system clock
-
-
150
MHz
fclk
clock frequency
For USB full-speed device and
host operations
12
-
150
MHz
VDDIO_1
Supply of Digital/Analog I/Os.
Must be equal to VDD_MAIN.
1.8
-
3.6
V
VDDIO_2
Supply of Digital I/Os/Analog
I/Os. For Digital functions,
voltage can be less than or
equal to VDD_MAIN. For
Analog functions, voltage
must be equal to VDD_MAIN.
1.08
-
3.6
V
VDD_MAIN
Power control system
1.8
-
3.6
V
VDD_MAIN_PWR High current/High transient
current.
1.8
-
3.6
V
VDD_CORE[2]
Analog supply for Core.
DC-DC output
1.0
-
1.2
V
USB0_3V3
USB0 analog 3.3 V supply.
3.0
-
3.6
V
VDDA
Analog supply voltage for
ADC
1.8
-
3.6
V
Vrefp
ADC positive reference
voltage
0.985
-
VDDA
V
VBAT
Battery supply voltage
1.71
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com