Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 32Page - NXP Semiconductors LPC55S3X Datasheet HTML 33Page - NXP Semiconductors LPC55S3X Datasheet HTML 34Page - NXP Semiconductors LPC55S3X Datasheet HTML 35Page - NXP Semiconductors LPC55S3X Datasheet HTML 36Page - NXP Semiconductors LPC55S3X Datasheet HTML 37Page - NXP Semiconductors LPC55S3X Datasheet HTML 38Page - NXP Semiconductors LPC55S3X Datasheet HTML 39Page - NXP Semiconductors LPC55S3X Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
36 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
O13 TRIGOUT_6 — Trigger Output to pins. Please refer to
IOCON chapter.
14 R — Reserved.
15 R — Reserved.
PIO1_9/ADC0IN0A/OPA
MP0_Out//HSCMP0_IN4
25 -
Z
I/O; AI 0
PIO1_9/ADCIN0A/OPAMP0_Out/HSCMP0_IN4 —
General-purpose digital input/output pin. ADC0 -
Analog input channel 0A. Can optionally be paired
with CH1A for differential input on ADC0 channel 0.
OpAmp 0 output. High-Speed Comparator 0, input 4.
1
R — Reserved.
I/O
2
FC1_SCK — Flexcomm 1: USART, SPI, or I2S clock.
I3
CTIMER_INP4 — Capture input to CTIMER input
multiplexers.
O4
SCT0_OUT2 — SCTimer/PWM output 2.
I/O
5
FC4_CTS_SDA_SSEL0 — Flexcomm 4: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
10 R — Reserved.
11 R — Reserved.
O12 AOI1_OUT3 — AND/OR/INVERT 1 Logic Output 3.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO1_10/
HSCMP1_IN3
39 -
Z
I/O
0
PIO1_10/HSCMP1_IN3 — General-purpose digital
input/output pin. High-Speed Comparator 1, input 3.
1
R — Reserved.
I/O
2
FC1_RXD_SDA_MOSI_DATA — Flexcomm 1:
USART receiver, I2C data I/O, SPI
master-out/slave-in data, I2S data I/O.
O3
CTIMER1_MAT0 — 32-bit CTimer1 match output 0.
O4
SCT0_OUT3 — SCTimer/PWM output 3.
5
R — Reserved.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com