Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC55S3X Datasheet HTML 1Page - NXP Semiconductors LPC55S3X Datasheet HTML 2Page - NXP Semiconductors LPC55S3X Datasheet HTML 3Page - NXP Semiconductors LPC55S3X Datasheet HTML 4Page - NXP Semiconductors LPC55S3X Datasheet HTML 5Page - NXP Semiconductors LPC55S3X Datasheet HTML 6Page - NXP Semiconductors LPC55S3X Datasheet HTML 7Page - NXP Semiconductors LPC55S3X Datasheet HTML 8Page - NXP Semiconductors LPC55S3X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
2 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
Crypto accelerator module PKC (Public Key Cryptography) uses a bank of 4 KB
SRAMs that are also AHB accessible by the CPU and the DMA engine.
On-chip memory:
Up to 256 KB on-chip flash program memory, with flash accelerator and 512 byte
page erase and write, coupled with 8 KB Low Power Cache to enhance system
performance.
Up to 128 KB total SRAM consisting of 16 KB SRAM on Code Bus, 112 KB SRAM
on System Bus (112 KB is contiguous).
Parity support on all RAM banks except RAM1 bank. ECC support available only
on RAM1 bank.
OTP eFuse programmable memory.
PRINCE module for real-time encryption of data being written to on-chip flash and
decryption of encrypted flash data during read to allow asset protection, such as
securing application code, and enabling secure flash update. External memory can be
encrypted, and the content being decrypted on-the-fly while the controller is fetching
data from the external memory.
On-chip ROM bootloader supports:
Booting of images from on-chip flash and external flash.
CRC32 image integrity checking.
Flash programming through In System Programming (ISP) commands over
following interfaces: USB0 interfaces using HID Class device, UART interface
(Flexcomm 0) with auto baud, High-Speed SPI slave interfaces (Flexcomm 8)
using mode 3 (CPOL = 1 and CPHA = 1), I2C slave interface (Flexcomm 1), and
CAN-FD ISP.
ROM API functions:
Flash programming API and OTP eFuse programming API.
Protected Flash Region (PFR) programming and Secure firmware update API
using NXP Secure Boot file format, version 3.1 (SB3 files).
PRINCE IP to define up to three encrypt/decrypt internal flash regions. Inline Prince
Encryption/Decryption (IPED) IP to define up to four encrypt/decrypt external flash
regions.
NXP Debug Authentication Protocol version 2.0 (ECDSA P-256 signature
verification using ECC keys) version 2.1 (ECDSA P-384 signature verification using
ECC keys).
Setting a sealed part to Fault Analysis mode through Debug authentication.
Dual images (boot latest version) from on-chip flash using re-map feature.
Loading image to RAM from external Octal/QuadSPI device.
Booting Execute-in-Place (XIP) images present on Octal/QuadSPI devices.
Dual Execute-in-Place (XIP) images in Octal/QuadSPI flash through flash address
remap feature.
Load-to-RAM boot mode from 1-bit SPI flash devices connected to Flexcomm
(selectable by PFR) as normal boot option and recovery boot option.
USB Device DFU Connection (Device only).
Code Read protection (CRP) on non-secure devices.
Crystal-less USB ISP Device mode.
Secure Boot support:
Uses ECDSA signature of SHA-2 digest as cryptographic signature verification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com