Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 28Page - NXP Semiconductors LPC55S3X Datasheet HTML 29Page - NXP Semiconductors LPC55S3X Datasheet HTML 30Page - NXP Semiconductors LPC55S3X Datasheet HTML 31Page - NXP Semiconductors LPC55S3X Datasheet HTML 32Page - NXP Semiconductors LPC55S3X Datasheet HTML 33Page - NXP Semiconductors LPC55S3X Datasheet HTML 34Page - NXP Semiconductors LPC55S3X Datasheet HTML 35Page - NXP Semiconductors LPC55S3X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
32 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
I/O
5
HS_SPI_SSEL1 — Slave Select 1 for high speed
SPI.
O6
TRACECLK — Trace clock.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
O10 RTC_ALARMOUT — RTC controlled output.
I/O
11 PWM0_B2 — FlexPWM0
PWMB output of
SubModule2.
12 R — Reserved.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO1_2
61 31
Z
I/O
0
PIO1_2 — General-purpose digital input/output pin.
Remark: In ISP mode, this pin is set to the High Speed
SPI SCK function (Flexcomm 8).
O1
CAN0_TD — Transmitter output for CAN 0.
2
R — Reserved.
O3
CTIMER0_MAT3 — 32-bit CTimer0 match output 3.
I4
SCT0_GPI6 — Pin input 6 to SCTimer/PWM.
O5
PDM_CLK1 — PDM clock output for DMIC channel 1.
I/O
6
HS_SPI_SCK — Clock for high speed SPI.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
10 R — Reserved.
I/O
11 PWM0_B0 — FlexPWM0 PWMB output of
SubModule0.
O12 AOI0_OUT0 — AND/OR/INVERT 0 Logic Output 0.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO1_3
62 32
Z
I/O
0
PIO1_3 — General-purpose digital input/output pin.
Remark: In ISP mode, this pin is set to the High
Speed SPI MISO function (Flexcomm 8).
I1
CAN0_RD — Receiver input for CAN 0.
2
R — Reserved.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com