Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 62Page - NXP Semiconductors LPC55S3X Datasheet HTML 63Page - NXP Semiconductors LPC55S3X Datasheet HTML 64Page - NXP Semiconductors LPC55S3X Datasheet HTML 65Page - NXP Semiconductors LPC55S3X Datasheet HTML 66Page - NXP Semiconductors LPC55S3X Datasheet HTML 67Page - NXP Semiconductors LPC55S3X Datasheet HTML 68Page - NXP Semiconductors LPC55S3X Datasheet HTML 69Page - NXP Semiconductors LPC55S3X Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
66 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
7.15.4 Brownout detection
The chip includes two Brown-out detectors to monitor the voltage of VDD_MAIN and
VDD_CORE. If the voltage falls below one of the selected voltages, the BOD asserts an
interrupt to the NVIC or issues a reset.
7.16 Power control
The chip supports a variety of power control features. In Active mode, when the chip is
running, power and clocks to selected peripherals can be adjusted for power
consumption. In addition, there are four special modes of processor power reduction with
different peripherals running: sleep mode, deep-sleep mode, power-down mode, and
deep power-down mode which can be activated by the power mode configure API.
Fig 8.
Clock generation (Part 3 of 3)
CLKOUT select
CLKOUTSEL[2:0]
CLKOUTDIV
CLKOUT
Divider
pll1_clk
32k_osc
fro_1m
fro_hf
main clk
pll0_clk
"none"
011
001
010
000
100
101
110
111
CLKOUT
clk_in
SCT clock select
SCTCLKSEL[2:0]
SCTCLKDIV
SCTimer/PWM
Clock Divider
to SCTimer/PWM
input clock 7
‘0’
clk_in
fro_hf
main clk
pll0_clk
"none"
011
001
010
000
100
101
110
111
mclk_in
pll1_clk
1x instance per DAC
DAC n clock select
DACnCLKSEL[2:0]
main_clk
fro_hf
"none"
pll0_clk
fro_12m
011
001
010
000
100
101
110
111
DACnCLKDIV
DAC
Divider
to DAC
pll1_clk
fro_1m
‘0’
DMIC clock select
DMICCLKSEL[2:0]
DMICCLKDIV
DMIC Clock
Divider
to DMIC subsys
‘0’
clk_in
fro_hf
pll0_clk
"none"
011
001
010
000
100
101
110
111
mclk_in
pll1_clk
main clk
1x instance per ADC
CTimer clock select n
CTIMERCLKSELn[2:0]
to CTIMER n
main_clk
mclk_in
fro_hf
"none"
pll0_clk
1x instance per CTimer
fro_1m
32k_osc
011
001
010
000
100
101
110
111
pll1_clk
CTIMERnCLKDIV
CTIMER
Divider
wdt_clk
fro_1m
WDT
Divider
WDTCLKDIV [5:0]
OS Event Timer clock select
PMC.OSEVENTTIMER[4:3]
to OSTimer
111
001
010
000
32k_osc
fro_1m
FRO32K
AHB_clk
pll0_clk
ADCnCLKDIV
ADC Clock
Divider
to ADC
fro_hf
main clk
"none"
ADC n clock select
ADCnCLKSEL[2:0]
100
001
010
000
111
xo_to_adc_clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com