Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 40Page - NXP Semiconductors LPC55S3X Datasheet HTML 41Page - NXP Semiconductors LPC55S3X Datasheet HTML 42Page - NXP Semiconductors LPC55S3X Datasheet HTML 43Page - NXP Semiconductors LPC55S3X Datasheet HTML 44Page - NXP Semiconductors LPC55S3X Datasheet HTML 45Page - NXP Semiconductors LPC55S3X Datasheet HTML 46Page - NXP Semiconductors LPC55S3X Datasheet HTML 47Page - NXP Semiconductors LPC55S3X Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
44 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
15 R — Reserved.
PIO1_23/HSCMP2_IN1
49 -
Z
I/O
0
PIO1_23/HSCMP2_IN1 — General-purpose digital
input/output pin.
High-Speed Comparator 2 input 1.
I/O
1
FC2_SCK — Flexcomm 2: USART, SPI, or I2S clock.
O2
SCT0_OUT0 — SCTimer/PWM output 0.
3
R — Reserved.
4
R — Reserved.
I/O
5
FC3_SSEL2 — Flexcomm 3: SPI slave select 2.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
10 R — Reserved.
I/O
11 PWM1_A1 — FlexPWM1 PWMA output 1
O12 TRIGOUT_4 — Trigger Output to pins. Please refer to
IOCON chapter.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO1_24/ADC1IN8B
3
-
Z
I/O
0
PIO1_24/ADC1IN8B — General-purpose digital
input/output pin. Analog input channel 8B. Can
optionally be paired with CH8A for differential input on
ADC1 channel 8.
I/O
1
FC2_RXD_SDA_MOSI_DATA — Flexcomm 2:
USART receiver, I2C data I/O, SPI
master-out/slave-in data, I2S data I/O.
O2
SCT0_OUT1 — SCTimer/PWM output 1.
3
R — Reserved.
4
R — Reserved.
I/O
5
FC3_SSEL3 — Flexcomm 3: SPI slave select 3.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
10 R — Reserved.
11 R — Reserved.
O12 AOI0_OUT2 — AND/OR/INVERT 0 Logic Output 2.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com