Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 2Page - NXP Semiconductors LPC55S3X Datasheet HTML 3Page - NXP Semiconductors LPC55S3X Datasheet HTML 4Page - NXP Semiconductors LPC55S3X Datasheet HTML 5Page - NXP Semiconductors LPC55S3X Datasheet HTML 6Page - NXP Semiconductors LPC55S3X Datasheet HTML 7Page - NXP Semiconductors LPC55S3X Datasheet HTML 8Page - NXP Semiconductors LPC55S3X Datasheet HTML 9Page - NXP Semiconductors LPC55S3X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
6 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
Crystal oscillator with an operating frequency of 16 MHz to 32 MHz. Option for
external clock input (bypass mode) for clock frequencies of up to 25 MHz.
Crystal oscillator with 32.768 kHz operating frequency.
PLL0 and PLL1 allows CPU operation up to the maximum CPU rate without the
need for a high-frequency external clock. PLL0 and PLL1 can run from the internal
FRO 12 MHz output, the external oscillator, internal FRO 1 MHz output, or the
32.768 kHz RTC oscillator.
Clock output function with divider to monitor internal clocks.
Frequency measurement unit for measuring the frequency of any on-chip or
off-chip clock signal.
Each crystal oscillator has one embedded capacitor bank, where each can be used
as an integrated load capacitor for the crystal oscillators. Using APIs, the capacitor
banks on each crystal pin can tune the frequency for crystals with a Capacitive
Load (CL) leading to conserving board space and reducing costs.
Power-saving modes and wake-up:
Integrated PMU (Power Management Unit) to minimize power consumption.
Low power modes: Sleep, Deep-sleep with RAM retention, power-down with RAM
retention and CPU retention, and deep power-down with RAM retention.
Configurable wake-up options from peripherals interrupts.
The Micro-Tick Timer running from the watchdog oscillator can be used to wake-up
the device from sleep and deep-sleep modes.
The Real-Time Clock (RTC) running from the 32.768 kHz clock can be used to
wake-up the device from sleep, deep-sleep, power-down, and deep power-down
modes.
Power-On Reset (POR) (trip low-level of 0.705 V and trip high-level of 0.87 V).
Brown-Out Detectors (BOD) for external VDD_MAIN and internal VDD_CORE with
separate thresholds for forced reset.
Operating from internal DC-DC converter or selectable LDO such that DC-DC
converter can be bypassed.
On-chip LDO core 1.8 V to 3.6 V.
DC-DC power supply 1.8 V to 3.6 V.
Two Main IO supplies (VDDIO_1: 1.8 V to 3.6 V, VDDIO_2: 1.08 v to 3.6 V).
Separate VBAT supply 1.71 V to 3.6 V.
JTAG boundary scan supported.
Operating temperature range
40 °C to +105 °C.
Available in HLQFP100, and HVQFN48 packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com