Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 60Page - NXP Semiconductors LPC55S3X Datasheet HTML 61Page - NXP Semiconductors LPC55S3X Datasheet HTML 62Page - NXP Semiconductors LPC55S3X Datasheet HTML 63Page - NXP Semiconductors LPC55S3X Datasheet HTML 64Page - NXP Semiconductors LPC55S3X Datasheet HTML 65Page - NXP Semiconductors LPC55S3X Datasheet HTML 66Page - NXP Semiconductors LPC55S3X Datasheet HTML 67Page - NXP Semiconductors LPC55S3X Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
64 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
Fig 6.
Clock generation (Part 1 of 3)
FROHFDIV
fro_hf_div
FRO_HF
Divider
fro_hf
clk_in
Main clock select A
MAINCLKSELA[1:0]
fro_1m
fro_12m
fro_hf
*
: synchronized multiplexer
*
11
01
10
00
xtalout
XO32M_CTRL
xtalin
Main crystal
oscillator
xtal32MHz_freqme
Systick Clock Select
SYSTICKCLKSEL0[2:0]
to System Tick
Timer
fro_1m
32k_osc
"none"
111
001
010
000
SYSTICKCLKDIV
Systick Clock
Divider
main clk
Trace Clock Select
TRACECLKSEL[2:0]
to Trace Clock
for SWO
fro_1m
32k_osc
"none"
111
001
010
000
TRACECLKDIV
Trace Clock
Divider
main clk
clk_in
32k_osc
PLL0 clock select
PLL0CLKSEL[2:0]
fro_1m
fro_12m
PLL0
settings
PLL0
"none"
011
001
010
000
111
pll0_clk
0
1
32k_osc
Flexcomm 32K Clock
Select FC32KCLKSEL
0
1
XTAL32K
FRO32K
RTC Clock Select
PMC.RTCOSC32K
to RTC, Wake Timer,
Subsecond counter
Main clock select B
MAINCLKSELB[1:0]
main clk
pll0_clk
32k_osc
*
111
001
010
000
pll1_clk
AHBCLKDIV
CPU Clock
Divider
to CPU, AHB bus,
Sync APB, etc.
MCLK Clock Select
MCLKCLKSEL[2:0]
MCLKDIV
MCLK
Divider
MCLK pin
(output)
pll0_clk
fro_hf
"none"
001
111
000
pll_clk_div
PLL Clock
Divider
pll0_clk
001
111
000
pll1_clk
none
PLL select
PLLCLKDIVSEL[2:0]
PLL1
Settings
PLL1
pll1_clk
fro_1m
fro_12m
011
001
010
000
111
clk_in
32k_osc
“none”
PLL1 clock select
PLL1CLKSEL[2:0]
AHB_clk
CLOCK_CTRL
xo_to_adc_clk
clk_in
enables
PLLCLKDIV
(for Flexcomms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com