Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 53Page - NXP Semiconductors LPC55S3X Datasheet HTML 54Page - NXP Semiconductors LPC55S3X Datasheet HTML 55Page - NXP Semiconductors LPC55S3X Datasheet HTML 56Page - NXP Semiconductors LPC55S3X Datasheet HTML 57Page - NXP Semiconductors LPC55S3X Datasheet HTML 58Page - NXP Semiconductors LPC55S3X Datasheet HTML 59Page - NXP Semiconductors LPC55S3X Datasheet HTML 60Page - NXP Semiconductors LPC55S3X Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
57 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
7. Functional description
7.1 Architectural overview
The Arm Cortex M33 includes two AHB-Lite buses, one system bus and one code bus.
The Code AHB (C-AHB) interface is used for any instruction fetch and data access to the
Code region of the ARMv8-M memory map ([0x00000000 - 0x1FFFFFFF]). The System
AHB (S-AHB) interface is used for instruction fetch and data access to all other regions of
the ARMv8-M memory map ([0x20000000 - 0xFFFFFFFF]).
The chip uses a multi-layer AHB matrix to connect the ARM Cortex-M33 buses and other
bus masters to peripherals in a flexible manner that optimizes performance by allowing
peripherals that are on different slave ports of the matrix to be accessed simultaneously
by different bus masters. Section 5. "Block diagram" shows details of the available matrix
connections.
7.2 Arm Cortex-M33 processor
The ARM Cortex-M33 is based on the ARMv8-M architecture that offers systems
enhancements, such as ARM TrustZone® security, single-cycle digital signal processing,
low power consumption, enhanced debug features, and a high level of support block
integration. The ARM Cortex-M33 CPU employs a 3-stage instruction pipe and includes
an internal prefetch unit that supports speculative branching. A hardware floating-point
processor is integrated into the core. On the chip, the Cortex-M33 is augmented with two
hardware co-processors providing accelerated support for additional DSP algorithms and
cryptography.
The Arm Cortex M33 provides a security foundation, offering isolation to protect valuable
IP and data with TrustZone technology. It simplifies the design and software development
of digital signal control systems with the integrated digital signal processing (DSP)
instructions.
7.3 Arm Cortex-M33 integrated Floating Point Unit (FPU)
The FPU fully supports single-precision add, subtract, multiply, divide, multiply and
accumulate, and square root operations. It also provides conversions between fixed-point
and floating-point data formats, and floating-point constant instructions.
The FPU provides floating-point computation functionality that is compliant with the
ANSI/IEEE Std 754-2008, IEEE Standard for Binary Floating-Point Arithmetic, referred to
as the IEEE 754 standard.
7.4 Memory Protection Unit (MPU)
The Cortex-M33 processor includes a Memory Protection Unit (MPU). The MPU provides
fine grain memory control, enabling applications to implement security privilege levels,
separating code, data, and stack on a task-by-task basis.
The MPU allows separating processing tasks by disabling access to memory regions,
allowing memory regions to be defined as read-only, and detecting unexpected memory
accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com