Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 37Page - NXP Semiconductors LPC55S3X Datasheet HTML 38Page - NXP Semiconductors LPC55S3X Datasheet HTML 39Page - NXP Semiconductors LPC55S3X Datasheet HTML 40Page - NXP Semiconductors LPC55S3X Datasheet HTML 41Page - NXP Semiconductors LPC55S3X Datasheet HTML 42Page - NXP Semiconductors LPC55S3X Datasheet HTML 43Page - NXP Semiconductors LPC55S3X Datasheet HTML 44Page - NXP Semiconductors LPC55S3X Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
41 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
10 R — Reserved.
I/O
11 PWM0_B0 — FlexPWM0
PWMB output of
SubModule0.
O12 AOI1_OUT3 — AND/OR/INVERT 1 Logic Output 3.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO1_18/
WAKEUP2/TAMPER3
64 -
Z
I/O
0
PIO1_18/WAKEUP2/TAMPER3 — General-purpose
digital input/output pin. This pin can trigger a wake-up
from deep power-down mode. WAKEUP pin can be
configured as rising or falling edge. This pin can also
be used to trigger Tamper Event recorder block.
1
R — Reserved.
2
R — Reserved.
3
R — Reserved.
O4
SCT0_OUT5 — SCTimer/PWM output 5.
5
R — Reserved.
6
R — Reserved.
7
R — Reserved.
O8
RTC_ALARMOUT — RTC controlled output.
9
R — Reserved.
10 R — Reserved.
I/O
11 PWM0_A2 — FlexPWM0 PWMA output 2.
12 R — Reserved.
O13 HSCMP2_OUT — High-Speed Comparator 2 Output.
14 R — Reserved.
15 R — Reserved.
PIO1_19/DAC1_OUT/AD
C0IN4B/HSCMP1_IN5
30 -
Z
I/O; AI 0
PIO1_19/DAC1_OUT/ADC0IN4B/HSCMP1_IN5 —
General-purpose digital input/output pin. DAC1
Output. ADC0 - Analog input channel 4B. Can
optionally be paired with CH4A for differential input on
ADC0 channel 4. High-Speed Comparator 0, input 5.
1
R — Reserved.
O2
SCT0_OUT7 — SCTimer/PWM output 7.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com