Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 93Page - NXP Semiconductors LPC55S3X Datasheet HTML 94Page - NXP Semiconductors LPC55S3X Datasheet HTML 95Page - NXP Semiconductors LPC55S3X Datasheet HTML 96Page - NXP Semiconductors LPC55S3X Datasheet HTML 97Page - NXP Semiconductors LPC55S3X Datasheet HTML 98Page - NXP Semiconductors LPC55S3X Datasheet HTML 99Page - NXP Semiconductors LPC55S3X Datasheet HTML 100Page - NXP Semiconductors LPC55S3X Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
97 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
Fig 9.
VDD_MAIN/VDD_MAIN_PWR power consumption in Deep-sleep mode (all SRAM on, 128 KB, 1.8 V, 3.0 V)
aaa-045915
-40
-10
20
50
80
110
0
400
800
1200
1600
2000
Temperature (°C)
Current
Current
Current
(μA)
(μA)
(μA)
1.8 V same curve
1.8 V same curve
1.8 V same curve
3.0 V
3.0 V
3.0 V
Fig 10. VDD_MAIN/VDD_MAIN_PWR power consumption in Power-down mode (CPU state retained, SRAM_00/01
powered (8 KB), 1.8V, 3.0 V)
aaa-045916
-40
-10
20
50
80
110
0
30
60
90
120
150
Temperature (°C)
Current
Current
Current
(μA)
(μA)
(μA)
1.8 V same curve
1.8 V same curve
1.8 V same curve
3.0 V
3.0 V
3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com