Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC55S3X Datasheet HTML 1Page - NXP Semiconductors LPC55S3X Datasheet HTML 2Page - NXP Semiconductors LPC55S3X Datasheet HTML 3Page - NXP Semiconductors LPC55S3X Datasheet HTML 4Page - NXP Semiconductors LPC55S3X Datasheet HTML 5Page - NXP Semiconductors LPC55S3X Datasheet HTML 6Page - NXP Semiconductors LPC55S3X Datasheet HTML 7Page - NXP Semiconductors LPC55S3X Datasheet HTML 8Page - NXP Semiconductors LPC55S3X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 164 page
background image
1. General description
The LPC55S3x is an ARM Cortex-M33 based microcontroller for embedded applications.
These devices include a Edge Lock Subsystems (ELS), Public Key Cryptography (PKC)
module, up to 256 KB on-chip flash, up to 128 KB of on-chip SRAM, FlexSPI with cache
and dynamic decryption, PRINCE module for on-the-fly flash encryption/decryption, USB
Full-Speed device with crystal-less operation, USB Full-Speed Host, CAN FD, five
general-purpose timers, one SCTimer/PWM, one RTC/alarm timer, one 24-bit Multi-Rate
Timer (MRT), a Windowed Watchdog Timer (WWDT), Code Watchdog Timer, one OS
Timer, one Micro-tick timer, eight flexible serial communication peripherals (Flexcomm
Interfaces - which can be configured as a USART, SPI, high speed SPI, I2C, or I2S
interface), one DMIC, one I3C interface, four 16-bit 2.0 Msamples/sec (four 12-bit 3.2
Msamples/sec) ADC capable of four simultaneous conversions, four comparators, two
temperature sensors, three 12-bit 1 Msample/sec DAC, 3 OpAmps, two FlexPWM timers,
and two QEIs.
The ARM Cortex-M33 provides a security foundation, offering isolation to protect valuable
IP and data with TrustZone® technology. It simplifies the design and software
development of digital signal control systems with the integrated digital signal processing
(DSP) instructions. To support security requirements, the chip also offers support for
secure boot, HASH, AES, Elliptic Curve Cryptography (ECC), RSA, UUID, DICE, dynamic
encrypt and decrypt, debug authentication, and is designed per TBSA specifications.
2. Features and benefits
ARM® Cortex-M33 core (r0p4):
Running at a frequency of up to 150 MHz.
Integrated digital signal processing (DSP) instructions.
TrustZone®, Floating Point Unit (FPU) and Memory Protection Unit (MPU).
ARM Cortex M33 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input with a selection of sources.
Serial Wire Debug with eight breakpoints and four watch points. Includes Serial
Wire Output for enhanced debug capabilities and trace (ETM).
System tick timer.
A hardware DSP accelerator for fixed and floating point DSP functions (PowerQuad).
PowerQuad uses a bank of four dedicated 4 KB SRAMs
LPC55S3x
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128
KB SRAM; 256 KB flash, FlexSPI with cache and dynamic
decryption, USB FS, Flexcomm Interface, CAN FD, 32-bit
counter/ timers, SCTimer/PWM, 16-bit 2.0 Msamples/sec ADC,
Comparator, 12-bit DAC, OpAmp, FlexPWM Timer, QEI,
Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 3.2 — 22 September 2023
Product data sheet


Similar Part No. - LPC55S3X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S36-EVK NXP-LPC55S36-EVK Datasheet
4Mb / 4P
Evaluation kit supports
LPC55S36JHI48 NXP-LPC55S36JHI48 Datasheet
3Mb / 165P
32-bit Arm Cortex®-M33, 128 KB SRAM; 256 KB flash, FlexSPI with cache, USB FS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, 16-bit 2.0 Msamples/sec ADC, Comparator, 12-bit DAC, OpAmp, FlexPWM Timer, QEI, Temperature Sensor, CRC
Rev. 5.0 - 7 March 2024
LPC55S36JHI48/00E NXP-LPC55S36JHI48/00E Datasheet
3Mb / 165P
32-bit Arm Cortex®-M33, 128 KB SRAM; 256 KB flash, FlexSPI with cache, USB FS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, 16-bit 2.0 Msamples/sec ADC, Comparator, 12-bit DAC, OpAmp, FlexPWM Timer, QEI, Temperature Sensor, CRC
Rev. 5.0 - 7 March 2024
LPC55S36JHI48/00K NXP-LPC55S36JHI48/00K Datasheet
3Mb / 165P
32-bit Arm Cortex®-M33, 128 KB SRAM; 256 KB flash, FlexSPI with cache, USB FS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, 16-bit 2.0 Msamples/sec ADC, Comparator, 12-bit DAC, OpAmp, FlexPWM Timer, QEI, Temperature Sensor, CRC
Rev. 5.0 - 7 March 2024
LPC55S36JHI48/00MP NXP-LPC55S36JHI48/00MP Datasheet
3Mb / 165P
32-bit Arm Cortex®-M33, 128 KB SRAM; 256 KB flash, FlexSPI with cache, USB FS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, 16-bit 2.0 Msamples/sec ADC, Comparator, 12-bit DAC, OpAmp, FlexPWM Timer, QEI, Temperature Sensor, CRC
Rev. 5.0 - 7 March 2024
More results

Similar Description - LPC55S3X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC55S1X NXP-LPC55S1X_V01 Datasheet
3Mb / 132P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, USB HS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0
Rev. 1.6-6 August 2021
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
logo
NXP Semiconductors
LPC55S6X NXP-LPC55S6X_V02 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
Rev. 2.4 - 8 December 2022
logo
STMicroelectronics
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S0X NXP-LPC55S0X_V02 Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.3 - 3 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com