Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 67Page - NXP Semiconductors LPC55S3X Datasheet HTML 68Page - NXP Semiconductors LPC55S3X Datasheet HTML 69Page - NXP Semiconductors LPC55S3X Datasheet HTML 70Page - NXP Semiconductors LPC55S3X Datasheet HTML 71Page - NXP Semiconductors LPC55S3X Datasheet HTML 72Page - NXP Semiconductors LPC55S3X Datasheet HTML 73Page - NXP Semiconductors LPC55S3X Datasheet HTML 74Page - NXP Semiconductors LPC55S3X Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
71 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
• The SPI function supports separate transmit and receive FIFOs with eight entries
each.
• Supports DMA transfers: SPIn transmit and receive functions can operated with the
system DMA controller.
• Data can be transmitted to a slave without the need to read incoming data. This can
be useful while setting up an SPI memory.
• Up to Four Slave Select input/outputs with selectable polarity and flexible usage.
7.19.2.3 I2C-bus interface
The I2C-bus is bidirectional for inter-IC control using only two wires: a serial clock line
(SCL) and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (for example, an LCD driver) or a transmitter
with the capability to both receive and send information (such as memory). Transmitters
and/or receivers can operate in either master or slave mode, depending on whether the
chip has to initiate a data transfer or is only addressed. The I2C is a multi-master bus and
can be controlled by more than one bus master connected to it.
Features
• Support standard, Fast-mode, and Fast-mode Plus (specific I2C pins) with data rates
of up to 1 Mbit/s.
• Support high-speed slave mode with data rates of up to 3.4 Mbit/s (specific I2C pins).
• Independent Master, Slave, and Monitor functions.
• Supports both Multi-master and Multi-master with Slave functions.
• Multiple I2C slave addresses supported in hardware.
• One slave address can be selectively qualified with a bit mask or an address range in
order to respond to multiple I2C-bus addresses.
• 10-bit addressing supported with software assist.
• Supports SMBus.
• Separate DMA requests for master, slave, and monitor functions.
• No chip clocks are required in order to receive and compare an address as a slave, so
this event can wake-up the device from deep-sleep mode.
• Automatic modes optionally allow less software overhead for some use cases.
7.19.2.4 USART
Features
• Maximum bit rates of 10 Mbit/s in asynchronous mode and 12 Mbit/s in synchronous
mode for USART functions.
• 7, 8, or 9 data bits and 1 or 2 stop bits.
• Synchronous mode with master or slave operation. Includes data phase selection and
continuous clock option.
• Multiprocessor/multidrop (9-bit) mode with software address compare.
• RS-485 transceiver output enable.
• Autobaud mode for automatic baud rate detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com