Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 45Page - NXP Semiconductors LPC55S3X Datasheet HTML 46Page - NXP Semiconductors LPC55S3X Datasheet HTML 47Page - NXP Semiconductors LPC55S3X Datasheet HTML 48Page - NXP Semiconductors LPC55S3X Datasheet HTML 49Page - NXP Semiconductors LPC55S3X Datasheet HTML 50Page - NXP Semiconductors LPC55S3X Datasheet HTML 51Page - NXP Semiconductors LPC55S3X Datasheet HTML 52Page - NXP Semiconductors LPC55S3X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
49 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
I5
I3C0_PUR — Pullup resistor control for I3C master.
The I3C0_PUR function controls the SDA pull-up. It is
intended to be connected to one end of an external
low-value pull-up resistor (e.g.,1KOhm), with the other
end connected to the SDA line. If there is no external
high weak bus keeper on SDA, then add an additional
external weak (e.g.,100KR or even 500KR) always-on
pull-up on this line.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
10 R — Reserved.
11 R — Reserved.
O12 AOI0_OUT0 — AND/OR/INVERT 0 Logic Output 0.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO2_1/
OPAMP2_INP
148
Z
I/O
0
PIO2_1/OPAMP2_INP — General-purpose digital
input/output pin. Op Amp 2 positive input.
1
R — Reserved.
I/O
2
FC0_TXD_SCL_MISO_WS — Flexcomm 0: USART
transmitter, I2C clock, SPI master-in/slave-out data
I/O, I2S word select/frame.
3
R — Reserved.
O4
CTIMER1_MAT0 — 32-bit CTimer1 match output 0.
I/O
5
I3C0_SDA — Data for I3C master or slave.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
10 R — Reserved.
11 R — Reserved.
O12 AOI0_OUT2 — AND/OR/INVERT 0 Logic Output 2.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
LX
46 23
-
-
DC-DC converter power stage output.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com