Electronic Components Datasheet Search
  English  ▼

X  

LPC55S3X Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC55S3X
Description  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 92Page - NXP Semiconductors LPC55S3X Datasheet HTML 93Page - NXP Semiconductors LPC55S3X Datasheet HTML 94Page - NXP Semiconductors LPC55S3X Datasheet HTML 95Page - NXP Semiconductors LPC55S3X Datasheet HTML 96Page - NXP Semiconductors LPC55S3X Datasheet HTML 97Page - NXP Semiconductors LPC55S3X Datasheet HTML 98Page - NXP Semiconductors LPC55S3X Datasheet HTML 99Page - NXP Semiconductors LPC55S3X Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
96 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25 °C), 3.0 V.
Table 17.
Static characteristics: ADC Power consumption
Tamb = -40 °C to +105 °C, unless otherwise specified.0.985 V  VREFP  VDDA V; 1.8 V  VDDA  3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDDA
analog supply current
ADC in low power mode (PWRSEL
= 0) Idle mode (analog blocks
pre-enabled, inc ADC Bias)
-0.2
-mA
ADC in low power mode (PWRSEL
= 0) Sampling/ SE Conversion
mode (analog blocks ON)
f_adc = 24 MHz
-0.7
-mA
ADC in high power mode
(PWRSEL = 3) Idle mode (analog
blocks pre-enabled)
-0.2
-mA
ADC in high power mode
(PWRSEL = 3) Sampling/ SE
Conversion mode (analog blocks
ON) f_adc = 48 MHz
-1.4
-mA
ADC in high power mode
(PWRSEL = 3) PWRSEL = 3
Sampling/ DIFF or Dual SE
Conversion mode (analog blocks
ON) f_adc = 48 MHz
-2.1
-mA
Temperature sensor (inc ADC
Bias)
-60
-
µA
IDDA
Analog supply Current
Deep Sleep mode, ADC OFF
-
10
-
nA
Power-down mode, ADC OFF
-
6
-
nA
Deep Power-down mode, ADC
OFF
-5
-nA
IDD(VREFP)
VREFP supply current
ADC Idle mode (analog blocks
pre_enabled)
-5
-nA
Sampling/ SE Conversion mode
(analog blocks ON)
f_adc = 48 MHz
-50
-
µA
Sampling/DIFF or Dual SE
Conversion mode (analog blocks
ON)
f_adc = 48 MHz
-100
-µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com