Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 72Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 73Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 74Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 75Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 76Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 77Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 78Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 79Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 393 page
background image
76
ATmega64(L)
2490L–AVR–10/06
Note:
1. See “Output Compare Modulator (OCM1C2)” on page 161 for details. OC1C does
not exist in ATmega103 compatibility mode.
Table 31. Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/OC2/OC1C
PB6/OC1B
PB5/OC1A
PB4/OC0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC2/OC1C ENABLE(1)
OC1B ENABLE
OC1A ENABLE
OC0 ENABLE
PVOV
OC2/OC1C(1)
OC1B
OC1A
OC0B
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
–
–
–
–
Table 32. Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/MISO
PB2/MOSI
PB1/SCK
PB0/SS
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB3 • PUD
PORTB2 • PUD
PORTB1 • PUD
PORTB0 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SPI SLAVE OUTPUT
SPI MSTR OUTPUT
SCK OUTPUT
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
SPI MSTR INPUT
SPI SLAVE INPUT
SCK INPUT
SPI SS
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com