Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 57Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 58Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 59Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 60Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 61Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 62Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 63Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 64Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 393 page
background image
61
ATmega64(L)
2490L–AVR–10/06
Interrupts
This section describes the specifics of the interrupt handling as performed in
ATmega64. For a general explanation of the AVR interrupt handling, refer to “Reset and
Interrupt Handling” on page 15.
Interrupt Vectors in
ATmega64
Table 23. Reset and Interrupt Vectors
Vector
No.
Program
Address(2)
Source
Interrupt Definition
1
0x0000(1)
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset, and JTAG AVR Reset
2
0x0002
INT0
External Interrupt Request 0
3
0x0004
INT1
External Interrupt Request 1
4
0x0006
INT2
External Interrupt Request 2
5
0x0008
INT3
External Interrupt Request 3
6
0x000A
INT4
External Interrupt Request 4
7
0x000C
INT5
External Interrupt Request 5
8
0x000E
INT6
External Interrupt Request 6
9
0x0010
INT7
External Interrupt Request 7
10
0x0012
TIMER2 COMP
Timer/Counter2 Compare Match
11
0x0014
TIMER2 OVF
Timer/Counter2 Overflow
12
0x0016
TIMER1 CAPT
Timer/Counter1 Capture Event
13
0x0018
TIMER1 COMPA
Timer/Counter1 Compare Match A
14
0x001A
TIMER1 COMPB
Timer/Counter1 Compare Match B
15
0x001C
TIMER1 OVF
Timer/Counter1 Overflow
16
0x001E
TIMER0 COMP
Timer/Counter0 Compare Match
17
0x0020
TIMER0 OVF
Timer/Counter0 Overflow
18
0x0022
SPI, STC
SPI Serial Transfer Complete
19
0x0024
USART0, RX
USART0, Rx Complete
20
0x0026
USART0, UDRE
USART0 Data Register Empty
21
0x0028
USART0, TX
USART0, Tx Complete
22
0x002A
ADC
ADC Conversion Complete
23
0x002C
EE READY
EEPROM Ready
24
0x002E
ANALOG COMP
Analog Comparator
25
0x0030(3)
TIMER1 COMPC
Timer/Countre1 Compare Match C
26
0x0032(3)
TIMER3 CAPT
Timer/Counter3 Capture Event
27
0x0034(3)
TIMER3 COMPA
Timer/Counter3 Compare Match A
28
0x0036(3)
TIMER3 COMPB
Timer/Counter3 Compare Match B
29
0x0038(3)
TIMER3 COMPC
Timer/Counter3 Compare Match C
30
0x003A(3)
TIMER3 OVF
Timer/Counter3 Overflow
31
0x003C(3)
USART1, RX
USART1, Rx Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com