Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 36Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 37Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 38Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 39Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 393 page
background image
36
ATmega64(L)
2490L–AVR–10/06
Using all 64KB Locations of
External Memory
Since the external memory is mapped after the internal memory as shown in Figure 11,
only 60KB of external memory is available by default (address space 0x0000 to 0x10FF
is reserved for internal memory). However, it is possible to take advantage of the entire
external memory by masking the higher address bits to zero. This can be done by using
the XMMn bits and controlled by software the most significant bits of the address. By
setting Port C to output 0x00, and releasing the most significant bits for normal Port Pin
operation, the Memory Interface will address 0x0000 - 0x1FFF. See code examples
below.
Note:
1. See “About Code Examples” on page 9.
Care must be exercised using this option as most of the memory is masked away.
Assembly Code Example(1)
; OFFSET is defined to 0x2000 to ensure
; external memory access
; Configure Port C (address high byte) to
; output 0x00 when the pins are released
; for normal Port Pin operation
ldi
r16, 0xFF
out
DDRC, r16
ldi
r16, 0x00
out
PORTC, r16
; release PC7:5
ldi
r16, (1<<XMM1)|(1<<XMM0)
sts
XMCRB, r16
; write 0xAA to address 0x0001 of external
; memory
ldi
r16, 0xaa
sts
0x0001+OFFSET, r16
; re-enable PC7:5 for external memory
ldi
r16, (0<<XMM1)|(0<<XMM0)
sts
XMCRB, r16
; store 0x55 to address (OFFSET + 1) of
; external memory
ldi
r16, 0x55
sts
0x0001+OFFSET, r16
C Code Example
(1)
#define OFFSET 0x2000
void
XRAM_example(void)
{
unsigned char *p = (unsigned char *) (OFFSET + 1);
DDRC = 0xFF;
PORTC = 0x00;
XMCRB = (1<<XMM1) | (1<<XMM0);
*p = 0xaa;
XMCRB = 0x00;
*p = 0x55;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com