Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 23Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 24Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 25Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 26Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 27Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 393 page
background image
27
ATmega64(L)
2490L–AVR–10/06
External Memory
Interface
With all the features that the External Memory Interface provides, it is well suited to
operate as an interface to memory devices such as external SRAM and Flash, and
peripherals such as LCD-display, A/D, and D/A. The main features are:
•
Four different wait-state settings (Including no wait-state).
•
Independent wait-state setting for different external memory sectors (configurable
sector size).
•
The number of bits dedicated to address high byte is selectable.
•
Bus Keepers on data lines to minimize current consumption (optional).
Overview
When the eXternal MEMory (XMEM) is enabled, address space outside the internal
SRAM becomes available using the dedicated external memory pins (see Figure 1 on
page 2, Table 27 on page 73, Table 33 on page 77, and Table 45 on page 85). The
memory configuration is shown in Figure 11.
Figure 11. External Memory with Sector Select(1)
Note:
1. ATmega64 in non ATmega103 compatibility mode: Memory Configuration A is avail-
able (Memory Configuration B N/A).
ATmega64 in mega103 compatibility mode: Memory Configuration B is available
(Memory Configuration A N/A).
Memory Configuration A
0x0000
0x10FF
External Memory
(0-60K x 8)
0xFFFF
Internal Memory
SRL[2..0]
SRW11
SRW10
SRW01
SRW00
Lower Sector
Upper Sector
0x1100
Memory Configuration B
0x0000
External Memory
(0-60K x 8)
0xFFFF
Internal Memory
SRW10
0x0FFF
0x1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com