Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 38Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 39Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 40Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 41Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 42Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 43Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 44Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 45Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 393 page
background image
42
ATmega64(L)
2490L–AVR–10/06
External RC Oscillator
For timing insensitive applications, the external RC configuration shown in Figure 20
can be used. The frequency is roughly estimated by the equation f = 1/(3RC). C should
be at least 22 pF. By programming the CKOPT Fuse, the user can enable an internal 36
pF capacitor between XTAL1 and GND, thereby removing the need for an external
capacitor.
Figure 20. External RC Configuration
The Oscillator can operate in four different modes, each optimized for a specific fre-
quency range. The operating mode is selected by the fuses CKSEL3..0 as shown in
Table 11.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as
shown in Table 12.
Note:
1. This option should not be used when operating close to the maximum frequency of
the device.
Table 11. External RC Oscillator Operating Modes
CKSEL3..0
Frequency Range (MHz)
0101
0.1 - 0.9
0110
0.9 - 3.0
0111
3.0 - 8.0
1000
8.0 - 12.0
Table 12. Start-up Times for the External RC Oscillator Clock Selection
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended Usage
00
18 CK
–
BOD enabled
01
18 CK
4.1 ms
Fast rising power
10
18 CK
65 ms
Slowly rising power
11
6 CK(1)
4.1 ms
Fast rising power or BOD enabled
XTAL2
XTAL1
GND
C
R
VCC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com