Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 14Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 15Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 16Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 17Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 18Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 19Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 20Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 21Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 393 page
background image
18
ATmega64(L)
2490L–AVR–10/06
AVR Memories
This section describes the different memories in the ATmega64. The AVR architecture
has two main memory spaces, the Data Memory and the Program Memory space. In
addition, the ATmega64 features an EEPROM Memory for data storage. All three mem-
ory spaces are linear and regular.
In-System
Reprogrammable Flash
Program Memory
The ATmega64 contains 64K bytes On-chip In-System Reprogrammable Flash memory
for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is orga-
nized as 32K x 16. For software security, the Flash Program memory space is divided
into two sections, Boot Program section and Application Program section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The
ATmega64 Program Counter (PC) is 15 bits wide, thus addressing the 32K program
memory locations. The operation of Boot Program section and associated Boot Lock
bits for software protection are described in detail in “Boot Loader Support – Read-
While-Write Self-programming” on page 278. “Memory Programming” on page 291 con-
tains a detailed description on Flash programming in SPI, JTAG, or Parallel
Programming mode.
Constant tables can be allocated within the entire program memory address space (see
the LPM – Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execu-
tion Timing” on page 15.
Figure 8. Program Memory Map
$0000
$7FFF
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com