Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 15Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 16Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 17Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 18Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 19Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 20Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 21Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 22Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 393 page
background image
19
ATmega64(L)
2490L–AVR–10/06
SRAM Data Memory
The ATmega64 supports two different configurations for the SRAM data memory as
listed in Table 1.
Figure 9 on page 20 shows how the ATmega64 SRAM Memory is organized.
The ATmega64 is a complex microcontroller with more peripheral units than can be sup-
ported within the 64 locations reserved in the Opcode for the IN and OUT instructions.
For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and
LD/LDS/LDD instructions can be used. The Extended I/O space does not exist when the
ATmega64 is in the ATmega103 compatibility mode.
The first 4,352 data memory locations address both the Register File, the I/O memory,
Extended I/O memory, and the internal data SRAM. The first 32 locations address the
Register File, the next 64 location the standard I/O memory, then 160 locations of
Extended I/O memory, and the next 4,096 locations address the internal data SRAM.
In ATmega103 compatibility mode, the first 4,096 data memory locations address both
the Register File, the I/O memory and the internal data SRAM. The first 32 locations
address the Register File, the next 64 location the standard I/O memory, and the next
4,000 locations address the internal data SRAM.
An optional external data SRAM can be used with the ATmega64. This SRAM will
occupy an area in the remaining address locations in the 64K address space. This area
starts at the address following the internal SRAM. The Register File, I/O, Extended I/O
and internal SRAM occupy the lowest 4,352 bytes in Normal mode, and the lowest
4,096 bytes in the ATmega103 compatibility mode (Extended I/O not present), so when
using 64KB (65,536 bytes) of External memory, 61,184 Bytes of External memory are
available in Normal mode, and 61,440 Bytes in ATmega103 compatibility mode. See
“External Memory Interface” on page 27 for details on how to take advantage of the
external memory map.
When the addresses accessing the SRAM memory space exceeds the internal data
memory locations, the external data SRAM is accessed using the same instructions as
for the internal data memory access. When the internal data memories are accessed,
the read and write strobe pins (PG0 and PG1) are inactive during the whole access
cycle. External SRAM operation is enabled by setting the SRE bit in the MCUCR
Register.
Accessing external SRAM takes one additional clock cycle per byte compared to access
of the internal SRAM. This means that the commands LD, ST, LDS, STS, LDD, STD,
PUSH, and POP take one additional clock cycle. If the Stack is placed in external
SRAM, interrupts, subroutine calls and returns take three clock cycles extra because the
2-byte Program Counter is pushed and popped, and external memory access does not
take advantage of the internal pipeline memory access. When external SRAM interface
is used with wait state, one-byte external access takes two, three, or four additional
clock cycles for one, two, and three wait states respectively. Interrupt, subroutine calls
and returns will need five, seven, or nine clock cycles more than specified in the AVR
Instruction Set manual for one, two, and three waitstates.
Table 1. Memory Configurations
Configuration
Internal SRAM
Data Memory
External SRAM
Data Memory
Normal mode
4096
up to 64K
ATmega103 compatibility mode
4000
up to 64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com