Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 44Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 45Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 46Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 47Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 48Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 49Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 50Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 51Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 393 page
background image
48
ATmega64(L)
2490L–AVR–10/06
asynchronous timer should be considered undefined after wake-up in Power-save mode
if AS0 is 0.
This sleep mode basically halts all clocks except clk
ASY, allowing operation only of asyn-
chronous modules, including Timer/Counter0 if clocked asynchronously.
Standby Mode
When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Standby mode. This mode is identical to
Power-down with the exception that the Oscillator is kept running. From Standby mode,
the device wakes up in six clock cycles.
Extended Standby Mode
When the SM2..0 bits are 111 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Extended Standby mode. This mode is
identical to Power-save mode with the exception that the Oscillator is kept running.
From Extended Standby mode, the device wakes up in six clock cycles.
Notes:
1. External Crystal or resonator selected as clock source.
2. If AS
0 bit in ASSR is set.
3. Only INT3:0 or level interrupt INT7:4.
Table 18. Active Clock Domains and Wake Up Sources in the Different Sleep Modes
Active Clock Domains
Oscillators
Wake Up Sources
Sleep
Mode
Idle
X
X
X
X
X(2)
XX
X
X
X
X
ADC
Noise
Reduction
XX
X
X(2)
X(3)
XX
X
X
Power-
down
X(3)
X
Power-
save
X(2)
X(2)
X(3)
XX(2)
Standby(1)
XX(3)
X
Extended
Standby(1)
X(2)
XX(2)
X(3)
XX(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com