Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 75Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 76Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 77Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 78Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 79Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 80Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 81Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 82Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 393 page
background image
79
ATmega64(L)
2490L–AVR–10/06
• ICP1 – Port D, Bit 4
ICP1 – Input Capture Pin1: The PD4 pin can act as an Input Capture pin for
Timer/Counter1.
• INT3/TXD1 – Port D, Bit 3
INT3, External Interrupt Source 3: The PD3 pin can serve as an External Interrupt
source to the MCU.
TXD1, Transmit Data (Data output pin for the USART1). When the USART1 transmitter
is enabled, this pin is configured as an output regardless of the value of DDD3.
• INT2/RXD1 – Port D, Bit 2
INT2, External Interrupt source 2. The PD2 pin can serve as an External Interrupt
source to the MCU.
RXD1, Receive Data (Data input pin for the USART1). When the USART1 receiver is
enabled this pin is configured as an input regardless of the value of DDD2. When the
USART forces this pin to be an input, the pull-up can still be controlled by the PORTD2
bit.
• INT1/SDA – Port D, Bit 1
INT1, External Interrupt Source 1. The PD1 pin can serve as an External Interrupt
source to the MCU.
SDA, Two-wire Serial Interface Data: When the TWEN bit in TWCR is set (one) to
enable the Two-wire Serial Interface, pin PD1 is disconnected from the port and
becomes the serial data I/O pin for the Two-wire Serial Interface. In this mode, there is a
spike filter on the pin to suppress spikes shorter than 50 ns on the input signal, and the
pin is driven by an open drain driver with slew-rate limitation.
•INT0/SCL – Port D, Bit 0
INT0, External Interrupt Source 0. The PD0 pin can serve as an External Interrupt
source to the MCU.
SCL, Two-wire Serial Interface Clock: When the TWEN bit in TWCR is set (one) to
enable the Two-wire Serial Interface, pin PD0 is disconnected from the port and
becomes the serial clock I/O pin for the Two-wire Serial Interface. In this mode, there is
a spike filter on the pin to suppress spikes shorter than 50 ns on the input signal, and the
pin is driven by an open drain driver with slew-rate limitation.
Table 37 and Table 38 relates the alternate functions of Port D to the overriding signals
shown in Figure 33 on page 71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com