Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 25Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 26Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 27Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 393 page
background image
29
ATmega64(L)
2490L–AVR–10/06
before G low (t
su) must not exceed address valid to ALE low (tAVLLC) minus PCB wiring
delay (dependent on the capacitive load).
Figure 12. External SRAM Connected to the AVR
Pull-up and Bus Keeper
The pull-ups on the AD7:0 ports may be activated if the corresponding Port Register is
written to one. To reduce power consumption in sleep mode, it is recommended to dis-
able the pull-ups by writing the Port Register to zero before entering sleep.
The XMEM interface also provides a Bus Keeper on the AD7:0 lines. The Bus Keeper
can be disabled and enabled in software as described in “XMCRB – External Memory
Control Register B” on page 34. When enabled, the Bus Keeper will ensure a defined
logic level (zero or one) on the AD7:0 bus when these lines would otherwise be tri-stated
by the XMEM interface.
Timing
External memory devices have different timing requirements. To meet these require-
ments, the ATmega64 XMEM interface provides four different wait states as shown in
Table 4. It is important to consider the timing specification of the external memory
device before selecting the wait-state. The most important parameters are the access
time for the external memory compared to the set-up requirement of the ATmega64.
The access time for the external memory is defined to be the time from receiving the
chip select/address until the data of this address actually is driven on the bus. The
access time cannot exceed the time from the ALE pulse is asserted low until data must
be stable during a read sequence (t
LLRL+ tRLRH - tDVRH in Table 137 to Table 144 on page
339). The different wait states are set up in software. As an additional feature, it is possi-
ble to divide the external memory space in two sectors with individual wait-state
settings. This makes it possible to connect two different memory devices with different
timing requirements to the same XMEM interface. For XMEM interface timing details,
please refer to Figure 159 to Figure 162, and Table 137 to Table 144.
Note that the XMEM interface is asynchronous and that the waveforms in the following
figures are related to the internal system clock. The skew between the internal and
external clock (XTAL1) is not guaranteed (varies between devices, temperature, and
supply voltage). Consequently the XMEM interface is not suited for synchronous
operation.
D[7:0]
A[7:0]
A[15:8]
RD
WR
SRAM
DQ
G
AD7:0
ALE
A15:8
RD
WR
AVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com