Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 56 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 52Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 53Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 54Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 55Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 56Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 57Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 58Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 59Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 393 page
background image
56
ATmega64(L)
2490L–AVR–10/06
• Bit 0 – PORF: Power-on Reset Flag
This bit is set if a Power-on Reset occurs. The bit is reset only by writing a logic zero to
the flag.
To make use of the reset flags to identify a reset condition, the user should read and
then reset the MCUCSR as early as possible in the program. If the register is cleared
before another reset occurs, the source of the reset can be found by examining the
Reset Flags.
Internal Voltage
Reference
ATmega64 features an internal bandgap reference. This reference is used for Brown-
out Detection, and it can be used as an input to the Analog Comparator or the ADC. The
2.56V reference to the ADC is generated from the internal bandgap reference.
Voltage Reference Enable
Signals and Start-up Time
The voltage reference has a start-up time that may influence the way it should be used.
The start-up time is given in Table 20. To save power, the reference is not always turned
on. The reference is on during the following situations:
1.
When the BOD is enabled (by programming the BODEN Fuse).
2.
When the bandgap reference is connected to the Analog Comparator (by setting
the ACBG bit in ACSR).
3.
When the ADC is enabled.
Thus, when the BOD is not enabled, after setting the ACBG bit or enabling the ADC, the
user must always allow the reference to start up before the output from the Analog Com-
parator or ADC is used. To reduce power consumption in Power-down mode, the user
can avoid the three conditions above to ensure that the reference is turned off before
entering Power-down mode.
Watchdog Timer
The Watchdog Timer is clocked from a separate On-chip Oscillator which runs at 1 Mhz.
This is the typical value at V
CC = 5V. See characterization data for typical values at other
V
CC levels. By controlling the Watchdog Timer prescaler, the Watchdog Reset interval
can be adjusted as shown in Table 22 on page 58. The WDR – Watchdog Reset –
instruction resets the Watchdog Timer. The Watchdog Timer is also reset when it is dis-
abled and when a Chip Reset occurs. Eight different clock cycle periods can be selected
to determine the reset period. If the reset period expires without another Watchdog
Reset, the ATmega64 resets and executes from the Reset Vector. For timing details on
the Watchdog Reset, refer to page 55.
To prevent unintentional disabling of the Watchdog or unintentional change of Time-out
period, three different safety levels are selected by the fuses M103C and WDTON as
shown in Table 21. Safety level 0 corresponds to the setting in ATmega103. There is no
restriction on enabling the WDT in any of the safety levels. Refer to “Timed Sequences
for Changing the Configuration of the Watchdog Timer” on page 60 for details.
Table 20. Internal Voltage Reference Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VBG
Bandgap reference voltage
1.15
1.23
1.35
V
tBG
Bandgap reference start-up time
40
70
µs
IBG
Bandgap reference current consumption
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com