Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 73Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 74Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 75Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 76Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 77Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 78Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 79Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 80Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 393 page
background image
77
ATmega64(L)
2490L–AVR–10/06
Alternate Functions of Port C
In ATmega103 compatibility mode, Port C is output only. The Port C has an alternate
function as the address high byte for the External Memory Interface
Table 34 and Table 35 relate the alternate functions of Port C to the overriding signals
shown in Figure 33 on page 71.
Table 33. Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
A15
PC6
A14
PC5
A13
PC4
A12
PC3
A11
PC2
A10
PC1
A9
PC0
A8
Table 34. Overriding Signals for Alternate Functions in PC7..PC4
Signal Name
PC7/A15
PC6/A14
PC5/A13
PC4/A12
PUOE
SRE • (XMM(1)<1)
SRE • (XMM<2)
SRE • (XMM<3)
SRE • (XMM<4)
PUOV
0
0
0
0
DDOE
SRE • (XMM<1)
SRE • (XMM<2)
SRE • (XMM<3)
SRE • (XMM<4)
DDOV
1
1
1
1
PVOE
SRE • (XMM<1)
SRE • (XMM<2)
SRE • (XMM<3)
SRE • (XMM<4)
PVOV
A11
A10
A9
A8
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com