Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64-16AI Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 27Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 393 page
background image
31
ATmega64(L)
2490L–AVR–10/06
Figure 15. External Data Memory Cycles with SRWn1 = 1 and SRWn0 = 0
(1)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper
sector) or SRW00 (lower sector).
The ALE pulse in period T6 is only present if the next instruction accesses the RAM
(internal or external).
Figure 16. External Data Memory Cycles with SRWn1 = 1 and SRWn0 = 1
(1)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper
sector) or SRW00 (lower sector).
The ALE pulse in period T7 is only present if the next instruction accesses the RAM
(internal or external).
ALE
T1
T2
T3
WR
T6
A15:8
Address
Prev. Addr.
DA7:0
Address
Data
Prev. Data
XX
RD
DA7:0 (XMBK = 0)
Data
Prev. Data
Address
Data
Prev. Data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)
T4
T5
ALE
T1
T2
T3
WR
T7
A15:8
Address
Prev. Addr.
DA7:0
Address
Data
Prev. Data
XX
RD
DA7:0 (XMBK = 0)
Data
Prev. Data
Address
Data
Prev. Data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)
T4
T5
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com