Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 100Page - ATMEL Corporation ATAM862 Datasheet HTML 101Page - ATMEL Corporation ATAM862 Datasheet HTML 102Page - ATMEL Corporation ATAM862 Datasheet HTML 103Page - ATMEL Corporation ATAM862 Datasheet HTML 104Page - ATMEL Corporation ATAM862 Datasheet HTML 105Page - ATMEL Corporation ATAM862 Datasheet HTML 106Page - ATMEL Corporation ATAM862 Datasheet HTML 107Page - ATMEL Corporation ATAM862 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
104
4554E–4BMCU–05/06
ATAM862-3
30. Emulation
The basic function of emulation is to test and evaluate the customer's program and hardware in
real time. This therefore enables the analysis of any timing, hardware or software problem. For
emulation purposes, all MARC4 controllers include a special emulation mode. In this mode, the
internal CPU core is inactive and the I/O buses are available via Port 0 and Port 1 to allow an
external access to the on-chip peripherals. The MARC4 emulator uses this mode to control the
peripherals of any MARC4 controller (target chip) and emulates the lost ports for the application.
The MARC4 emulator can stop and restart a program at specified points during execution, mak-
ing it possible for the applications engineer to view the memory contents and those of various
registers during program execution. The designer also gains the ability to analyze the executed
instruction sequences and all the I/O activities.
Figure 30-1. MARC4 Emulation
MARC4 target chip
CORE
(inactive)
Application-specific hardware
Peripherals
MARC4 emulator
Program
memory
Trace
memory
Control
logic
Personal computer
CORE
MARC4
emulation-CPU
I/O control
I/O bus
Port 0
Port 1
SYSCL/
TCL,
TE, NRST
Emulation control
Emulator target board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com