Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 105 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 101Page - ATMEL Corporation ATAM862 Datasheet HTML 102Page - ATMEL Corporation ATAM862 Datasheet HTML 103Page - ATMEL Corporation ATAM862 Datasheet HTML 104Page - ATMEL Corporation ATAM862 Datasheet HTML 105Page - ATMEL Corporation ATAM862 Datasheet HTML 106Page - ATMEL Corporation ATAM862 Datasheet HTML 107Page - ATMEL Corporation ATAM862 Datasheet HTML 108Page - ATMEL Corporation ATAM862 Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 110 page
background image
105
4554E–4BMCU–05/06
ATAM862-3
32. Package Information
31. Ordering Information
Extended Type Number(1)
Program Memory
Data-EEPROM
Package
Delivery
ATAM862x-TNSYzf
4 kB Flash
2
× 512 bit
SSO24
Taped and reeled
ATAM862x-TNQYzf
4 kB Flash
2
× 512 bit
SSO24
Tubes
Note:
1. x
= Hardware revision
z
= Operating temperature range
= J (-40
° C to +125° C) + lead free
f
= RF frequency range
= 3 (315 MHz)
technical drawings
according to DIN
specifications
Package SSO24
Dimensions in mm
8.05
7.80
0.15
0.05
0.25
0.65
7.15
1.30
5.7
5.3
4.5
4.3
6.6
6.3
0.15
24
13
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com