Electronic Components Datasheet Search
  English  ▼

X  

ATAM862 Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 102Page - ATMEL Corporation ATAM862 Datasheet HTML 103Page - ATMEL Corporation ATAM862 Datasheet HTML 104Page - ATMEL Corporation ATAM862 Datasheet HTML 105Page - ATMEL Corporation ATAM862 Datasheet HTML 106Page - ATMEL Corporation ATAM862 Datasheet HTML 107Page - ATMEL Corporation ATAM862 Datasheet HTML 108Page - ATMEL Corporation ATAM862 Datasheet HTML 109Page - ATMEL Corporation ATAM862 Datasheet HTML 110Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
107
4554E–4BMCU–05/06
ATAM862-3
34. Table of Contents
1
Description ............................................................................................... 1
2
Pin Configuration ..................................................................................... 2
3
UHF ASK/FSK Transmitter Block ........................................................... 4
4
Features .................................................................................................... 4
5
Description ............................................................................................... 4
6
General Description ................................................................................. 6
7
Functional Description ............................................................................ 6
7.1
ASK Transmission .............................................................................................6
7.2
FSK Transmission .............................................................................................6
7.3
CLK Output ........................................................................................................7
7.4
Application Circuit ..............................................................................................8
8
Absolute Maximum Ratings: RF Part ................................................... 11
9
Thermal Resistance ............................................................................... 11
10
Electrical Characteristics ...................................................................... 11
11
Microcontroller Block ............................................................................ 13
12
Features .................................................................................................. 13
13
Description ............................................................................................. 13
14
Introduction ............................................................................................ 13
14.1
Differences between ATAM862-3 and ATAR862 Microcontrollers ..................14
15
MARC4 Architecture General Description ........................................... 15
16
Components of Microcontroller Core .................................................. 15
16.1
Program Memory ............................................................................................. 16
16.2
RAM ................................................................................................................. 16
16.3
Registers .........................................................................................................17
16.4
ALU ..................................................................................................................19
16.5
I/O Bus ............................................................................................................. 19
16.6
Instruction Set ..................................................................................................19
16.7
Interrupt Structure ............................................................................................20
16.8
Software Interrupts .......................................................................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com