Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 7Page - SMSC Corporation EMC6D103 Datasheet HTML 8Page - SMSC Corporation EMC6D103 Datasheet HTML 9Page - SMSC Corporation EMC6D103 Datasheet HTML 10Page - SMSC Corporation EMC6D103 Datasheet HTML 11Page - SMSC Corporation EMC6D103 Datasheet HTML 12Page - SMSC Corporation EMC6D103 Datasheet HTML 13Page - SMSC Corporation EMC6D103 Datasheet HTML 14Page - SMSC Corporation EMC6D103 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
11
Revision 0.3 (03-01-07)
DATASHEET
Chapter 3 Pin Description
3.1
Pin Functions
Table 3.1 Pin Description
PIN #
NAME
FUNCTION
BUFFER
TYPE
BUFFER
REQUIREMENT
PER FUNCTION
(Note 3.1)
POWER
WELL
NOTES
HARDWARE MONITORING BLOCK (24)
1
SDA
System Management Bus bi-directional
Data. Open Drain output.
IMOD3
IMOD3
VCC
2
SCLK
System Management Bus Clock.
IM
IM
VCC
5
VID0
Voltage ID 0 Input
IM
IM
VCC
6
VID1
Voltage ID 1 Input
IM
IM
VCC
7
VID2
Voltage ID 2 Input
IM
IM
VCC
8
VID3
Voltage ID 3 Input
IM
IM
VCC
19
VID4
Voltage ID 4 Input
IM
IM
VCC
17
Remote1- This is the negative Analog input (current
sink) from the remote thermal diode. This
serves as the negative input into the A/D.
Digital Input.
IAN
IAN
VCC
18
Remote1+ This is the positive input (current source)
from the remote thermal diode. This serves
as the positive input into the A/D.
IAN
IAN
VCC
15
Remote2- This is the negative Analog input (current
sink) from the remote thermal diode. This
serves as the negative input into the A/D.
Digital Input.
IAN
IAN
VCC
16
Remote2+ This is the positive input (current source)
from the remote thermal diode. This serves
as the positive input into the A/D.
IAN
IAN
VCC
20
+5V_IN
Analog input for +5V
IAN
IAN
VCC
Note 3.2
22
+2.5V_IN
Analog input for +2.5V
IAN
IAN
VCC
Note 3.2
23
Vccp
Analog input for +Vccp (processor voltage:
0 to 3.0V).
IAN
IAN
VCC
Note 3.2
21
12V_IN
Analog input for +12V
IAN
IAN
VCC
Note 3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com