Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 30 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 26Page - SMSC Corporation EMC6D103 Datasheet HTML 27Page - SMSC Corporation EMC6D103 Datasheet HTML 28Page - SMSC Corporation EMC6D103 Datasheet HTML 29Page - SMSC Corporation EMC6D103 Datasheet HTML 30Page - SMSC Corporation EMC6D103 Datasheet HTML 31Page - SMSC Corporation EMC6D103 Datasheet HTML 32Page - SMSC Corporation EMC6D103 Datasheet HTML 33Page - SMSC Corporation EMC6D103 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
30
SMSC EMC6D103
DATASHEET
There are Remote Diode (1 or 2) Fault status bits in Interrupt Status Register 2 (42h), which, when
one, indicate a short or open-circuit on remote thermal diode inputs (Remote x+ and Remote x-).
Before a remote diode conversion is updated, the status of the remote diode is checked. In the case
of a short or open-circuit on the remote thermal diode inputs, the value in the corresponding reading
register will be forced to 80h. Note that this will cause the associated remote diode limit exceeded
status bit to be set (i.e. Remote Diode x Limit Error bits (D1 and D2) are located in the Interrupt Status
1 Register at register address 41h).
The temperature change is computed by measuring the change in Vbe at two different operating points
of the diode to which the Remote x+ and Remote x- pins are connected. But accuracy of the
measurement also depends on non-ideality factor of the process the diode is manufactured on.
6.9.3
Temperature Data Format
Temperature data can be read from the three temperature registers:
Internal Temp Reading register (26h)
Remote Diode 1 Temp Reading register (25h)
Remote Diode 2 Temp Reading register (27h)
The following table shows several examples of the format of the temperature digital data, represented
by an 8-bit, two’s complement word with an LSB equal to 1.0 0C.
Table 6.6 Temperature Data Format
TEMPERATURE
READING (DEC)
READING (HEX)
DIGITAL OUTPUT
-1270C
-127
81h
1000 0001
-50 0C
-50
CEh
1100 1110
-25 0C
-25
E7h
1110 0111
-1 0C
-1
FFh
1111 1111
0 0C
0
00h
0000 0000
+1 0C
1
01h
0000 0001
+25 0C
25
19h
0001 1001
+500C
50
32h
0011 0010
+1270C
127
7Fh
0111 1111
SENSOR ERROR
128
80h
1000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com