Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 34 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 30Page - SMSC Corporation EMC6D103 Datasheet HTML 31Page - SMSC Corporation EMC6D103 Datasheet HTML 32Page - SMSC Corporation EMC6D103 Datasheet HTML 33Page - SMSC Corporation EMC6D103 Datasheet HTML 34Page - SMSC Corporation EMC6D103 Datasheet HTML 35Page - SMSC Corporation EMC6D103 Datasheet HTML 36Page - SMSC Corporation EMC6D103 Datasheet HTML 37Page - SMSC Corporation EMC6D103 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
34
SMSC EMC6D103
DATASHEET
When in manual mode, the current PWM duty cycle registers can be written to adjust the speed of the
fans, when the start bit is set. These registers are not writable when the lock bit is set.
Note: The PWMx Current Duty Cycle register is implemented as two separate registers: a read-only
and a write-only.
When a value is written to this register in manual mode there will be a delay
before the programmed value can be read back by software. The hardware updates the read-
only PWMx Current Duty Cycle register on the beginning of a PWM cycle. If Ramp Rate
Control is disabled, the delay to read back the programmed value will be from 0 seconds to
1/(PWM frequency) seconds. Typically, the delay will be 1/(2*PWM frequency) seconds.
7.1.3.2
Auto Fan Control Operating Mode
The EMC6D103 implements automatic fan control. In Auto Fan Mode, this device automatically adjusts
the PWM duty cycle of the PWM outputs, according to the flow chart on the following page (see
Figure 7.1 Automatic Fan Control Flow Diagramon page 35).
PWM outputs are assigned to a thermal zone based on the PWMx Configuration registers (see Section
6.10, "Thermal Zones," on page 31). It is possible to have more than one PWM output assigned to a
thermal zone. For example, PWM outputs 2 and 3, connected to two chassis fans, may both be
controlled by thermal zone 2. At any time, if the temperature of a zone exceeds its absolute limit, all
PWM outputs go to 100% duty cycle to provide maximum cooling to the system (except those fans
that are disabled or in manual mode).
It is possible to have a single fan controlled by multiple zones, turning on when either zone requires
cooling based on its individual settings.
A VCC POR resets all values to their initial or default states.
If the start bit is one, the Auto Fan Control block will evaluate the temperature in the zones configured
for each Fan in a round robin method. The Auto Fan Control block completely evaluates the zones for
all three fans in a maximum of 0.25sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com