Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 62 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 58Page - SMSC Corporation EMC6D103 Datasheet HTML 59Page - SMSC Corporation EMC6D103 Datasheet HTML 60Page - SMSC Corporation EMC6D103 Datasheet HTML 61Page - SMSC Corporation EMC6D103 Datasheet HTML 62Page - SMSC Corporation EMC6D103 Datasheet HTML 63Page - SMSC Corporation EMC6D103 Datasheet HTML 64Page - SMSC Corporation EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
62
SMSC EMC6D103
DATASHEET
8.2.11
Register 42h: Interrupt Status Register 2
Note 8.10 This register is cleared on a read if no events are active.
This register is read only – a write to this register has no effect.
The Interrupt Status Register 2 bits is automatically set by the device whenever a remote temperature
sensor error occurs, a tach reading value is above the minimum value set in the tachometer minimum
registers, or whenever the 12V input voltage violates the limits set in the limit and parameter registers.
The Interrupt Status Register 2 register holds a set bit until the event is read by software or until the
individual interrupt enable bit is cleared.
This register holds a bit set until the event is read by software or until the individual enable bit is
cleared (see Note below). The contents of this register are cleared (set to 0) automatically by the
EMC6D103 after it is read by software, if the voltage no longer violate the limits set in the limit and
parameter registers, if the temperature sensor error no loner exists, or if the tach reading register is
no longer above the minimum. Once set, the Interrupt Status Register 2 bits remain set until a read
event occurs or until the individual interrupt enable bit is cleared, even if the voltage, Tach, or diode
event no longer exists.
Table 8.16 Interrupt Status Register 1
BIT
NAME
R/W DEFAULT
DESCRIPTION
0
2.5V_Error
R
0
The EMC6D103 automatically sets this bit to 1 when the 2.5V input
voltage is less than or equal to the limit set in the 2.5V Low Limit register
or greater than the limit set in the 2.5V High Limit register.
1
Vccp_Error
R
0
The EMC6D103 automatically sets this bit to 1 when the Vccp input
voltage is less than or equal to the limit set in the Vccp Low Limit register
or greater than the limit set in the Vccp High Limit register.
2
VCC_Error
R
0
The EMC6D103 automatically sets this bit to 1 when the VCC input
voltage is less than or equal to the limit set in the VCC Low Limit register
or greater than the limit set in the VCC High Limit register.
3
5V_Error
R
0
The EMC6D103 automatically sets this bit to 1 when the 5V input voltage
is less than or equal to the limit set in the 5V Low Limit register or greater
than the limit set in the 5V High Limit register.
4
Remote
Diode 1 Limit
Error
R
0
The EMC6D103 automatically sets this bit to 1 when the temperature
input measured by the Remote1- and Remote1+ is less than or equal to
the limit set in the Remote Diode 1 Low Temp register or greater than the
limit set in Remote Diode 1 High Temp register.
5
Internal
Sensor Limit
Error
R
0
The EMC6D103 automatically sets this bit to 1 when the temperature
input measured by the internal temperature sensor is less than or equal
to the limit set in the Internal Low Temp register or greater than the limit
set in the Internal High Temp register.
6
Remote
Diode 2 Limit
Error
R
0
The EMC6D103 automatically sets this bit to 1 when the temperature
input measured by the Remote2- and Remote2+ is less than or equal to
the limit set in the Remote Diode 2 Low Temp register or greater than the
limit set in the Remote Diode 1 High Temp register.
7
INT2 Event
Active
R
0
The device automatically sets this bit to 1 when a status bit is set in the
Interrupt Status Register 2.
Table 8.17 Register 42h: Interrupt Status Register 2
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
42h
R-C
(See
Note
8.10)
Interrupt Status Register 2
ERR2
ERR1
TACH4
TACH3
TACH2
TACH1
RES
12V
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com