Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 64 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 60Page - SMSC Corporation EMC6D103 Datasheet HTML 61Page - SMSC Corporation EMC6D103 Datasheet HTML 62Page - SMSC Corporation EMC6D103 Datasheet HTML 63Page - SMSC Corporation EMC6D103 Datasheet HTML 64Page - SMSC Corporation EMC6D103 Datasheet HTML 65Page - SMSC Corporation EMC6D103 Datasheet HTML 66Page - SMSC Corporation EMC6D103 Datasheet HTML 67Page - SMSC Corporation EMC6D103 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
Revision 0.3 (03-01-07)
64
SMSC EMC6D103
DATASHEET
Software uses the information in this register to determine the voltage that the processor is designed
to operate at. With this information, software can then dynamically determine the correct values to
place in the Vccp Low Limit and Vccp High Limit registers.
This register is read only – a write to this register has no effect.
8.2.13
Registers 44-4Dh: Voltage Limit Registers
Setting the Lock bit has no effect on these registers.
If a voltage input either exceeds the value set in the voltage high limit register or falls below or equals
the value set in the voltage low limit register, the corresponding bit will be set automatically by the
EMC6D103 in the interrupt status registers (41-42h). Voltages are presented in the registers at ¾ full
scale for the nominal voltage, meaning that at nominal voltage, each input will be C0h, as shown in
Table 8.21.
Table 8.20 Registers 44-4Dh: Voltage Limit Registers
Register
Address
Read
/Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
44h
R/W
2.5V Low Limit
7
6
5
4
3
2
1
0
00h
45h
R/W
2.5V High Limit
7
6
5
4
3
2
1
0
FFh
46h
R/W
Vccp Low Limit
7
6
5
4
3
2
1
0
00h
47h
R/W
Vccp High Limit
7
6
5
4
3
2
1
0
FFh
48h
R/W
VCC Low Limit
7
6
5
4
3
2
1
0
00h
49h
R/W
VCC High Limit
7
6
5
4
3
2
1
0
FFh
4Ah
R/W
5V Low Limit
7
6
5
4
3
2
1
0
00h
4Bh
R/W
5V High Limit
7
6
5
4
3
2
1
0
FFh
4Ch
R/W
12V Low Limit
7
6
5
4
3
2
1
0
00h
4Dh
R/W
12V High Limit
7
6
5
4
3
2
1
0
FFh
Table 8.21 Voltage Limits vs. Register Setting
INPUT
NOMINAL
VOLTAGE
REGISTER
SETTING AT
NOMINAL
VOLTAGE
MAXIMUM
VOLTAGE
REGISTER
SETTING AT
MAXIMUM
VOLTAGE
MINIMUM
VOLTAGE
REGISTER
SETTING AT
MINIMUM VOLTAGE
2.5V
2.5V
C0h
3.32V
FFh
0V
00h
Vccp
2.25V
C0h
3.00V
FFh
0V
00h
VCC
3.3V
C0h
4.38V
FFh
0V
00h
5V
5.0V
C0h
6.64V
FFh
0V
00h
12V
12.0V
C0h
16.00V
FFh
0V
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com