Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 83 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 83 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 79Page - SMSC Corporation EMC6D103 Datasheet HTML 80Page - SMSC Corporation EMC6D103 Datasheet HTML 81Page - SMSC Corporation EMC6D103 Datasheet HTML 82Page - SMSC Corporation EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation EMC6D103 Datasheet HTML 87Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
83
Revision 0.3 (03-01-07)
DATASHEET
Bit[2:1] The number of edges for tach1 reading:
00=2 edges
01=3 edges
10=5 edges (default)
11=9 edges
Bit[3] Tachometer Reading Mode
0=mode 1 – standard
1=mode 2 – enhanced. (default)
Bit[4] Tach (Mode 2 only)
0=Don’t ignore first 3 edge (default)
1=Ignore first 3 tachometer edges after guard time
Note: This bit has been added to support a small sampling of fans that emit irregular tach pulses
when the PWM transitions ‘ON’. Typically, the guard time is sufficient for most fans.
Bit[7:5] PWM max stretching time
000=disable stretching
001=50msec
010=100msec
011=200msec
100=400msec
101=600msec
110=800msec (default)
111=950msec
PWM Max stretch time determines the maximum time for monitoring the tach input. If stretching is
disabled, the tach will only be monitored when the PWM duty cycle is ‘ON’.
8.2.41
Registers 94h-96h: PWMx Option Registers
These registers become read only when the Lock bit is set. Any further attempts to write to these
registers shall have no effect.
Bits[1:0] Tachs reading registers associated with PWMx are updated: (Mode 2 only)
00=once a second (default)
Table 8.62 Registers 94h-96h: PWMx Option Registers
Register
Address
Read/
Write
Register
Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
94h
R/W
PWM1 Option
RES
RES
OPP
GRD1
GRD0
SZEN
UPDT1
UPDT0
0Ch
95h
R/W
PWM2 Option
RES
RES
OPP
GRD1
GRD0
SZEN
UPDT1
UPDT0
0Ch
96h
R/W
PWM3 Option
RES
RES
OPP
GRD1
GRD0
SZEN
UPDT1
UPDT0
0Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com