Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 87 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 87 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 83Page - SMSC Corporation EMC6D103 Datasheet HTML 84Page - SMSC Corporation EMC6D103 Datasheet HTML 85Page - SMSC Corporation EMC6D103 Datasheet HTML 86Page - SMSC Corporation EMC6D103 Datasheet HTML 87Page - SMSC Corporation EMC6D103 Datasheet HTML 88Page - SMSC Corporation EMC6D103 Datasheet HTML 89Page - SMSC Corporation EMC6D103 Datasheet HTML 90Page - SMSC Corporation EMC6D103 Datasheet HTML 91Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
87
Revision 0.3 (03-01-07)
DATASHEET
9.2
SMBus Interface
Figure 9.2 SMBus Timing
Note 9.3
The SMBus timing (e.g., max clock frequency of 400kHz) specified exceeds that specified
in the System Management Bus Specification, Rev 1.1. This corresponds to the maximum
clock frequency for fast mode devices on the I2C bus. See “The I2C Bus Specification,”
version 2.0, Dec. 1998.
Note 9.4
At 400kHz, spikes of a maximum pulse width of 50ns must be suppressed by the input
filter.
Note 9.5
If using 100 kHz clock frequency, the next data bit output to the SDA line will be 1250 ns
(1000 ns (TR max) + 250 ns (TSU:DAT min) @ 100 kHz) before the SCLK line is released.
Table 9.2 SMBus Timing
SYMBOL
PARAMETER
LIMITS
UNITS
COMMENTS
MIN
MAX
Fsmb
SMB Operating Frequency
10
400
kHz
Note 9.3
Tsp
Spike Suppression
50
ns
Note 9.4
Tbuf
Bus free time between Stop and Start
Condition
1.3
μs
Thd:sta
Hold time after (Repeated) Start Condition.
After this period, the first clock is
generated.
0.6
μs
Tsu:sta
Repeated Start Condition setup time
0.6
μs
Tsu:sto
Stop Condition setup time
0.6
μs
Thd:dat
Data hold time
0.3
0.9
μs
Tsu:dat
Data setup time
100
ns
Note 9.5
Tlow
Clock low period
1.3
μs
Thigh
Clock high period
0.6
μs
Tf
Clock/Data Fall Time
20+0.1Cb
300
ns
Tr
Clock/Data Rise Time
20+0.1Cb
300
ns
Cb
Capacitive load for each bus line
400
pF
P
t
BUF
t
R
t
HD;STA
P
S
S
t
HD;STA
t
LOW
t
HD;DAT
t
HIGH
t
F
t
SU;DAT
t
SU;STA
t
SU;STO
SCLK
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com