Electronic Components Datasheet Search
  English  ▼

X  

EMC6D103 Datasheet(PDF) 45 Page - SMSC Corporation

Part # EMC6D103
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button EMC6D103 Datasheet HTML 41Page - SMSC Corporation EMC6D103 Datasheet HTML 42Page - SMSC Corporation EMC6D103 Datasheet HTML 43Page - SMSC Corporation EMC6D103 Datasheet HTML 44Page - SMSC Corporation EMC6D103 Datasheet HTML 45Page - SMSC Corporation EMC6D103 Datasheet HTML 46Page - SMSC Corporation EMC6D103 Datasheet HTML 47Page - SMSC Corporation EMC6D103 Datasheet HTML 48Page - SMSC Corporation EMC6D103 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103
45
Revision 0.3 (03-01-07)
DATASHEET
-Mode 1: If the programmed number of edges occurs before the counter reaches FFFFh latch the
tachometer count
-Mode 2: If the programmed number of edges occurs during the PWM ‘ON’ time or stretching time:
latch the tachometer count and stop stretching PWM (see Note below).
Notes:
Whenever the programmed number of edges is detected, the edge detection ends and the state
machine is reset. The tachometer reading register is updated with the tachometer count value at
this time. See Note 7.2 below Table 7.2 for the one exception to this behavior.
In the case where the programmed number of edges occurs during the stretching time, the
tachometer value is latched when the last required edge is detected. The table below shows the
maximum values that may appear in the reading register.
Note 7.1
The maximum tachometer count does not take into account the guard time.
Note 7.2
This max value will be FFFFh if the programmed number of edges is detected when the
count reaches FFFFh or if no edges are detected. If the count reaches FFFFh in Mode 1
or the Max stretch time in Mode 2 and some edges were detected, but less than the
programmed number of edges, the maximum tach count value is determined by the Slow
Interrupt Enable bit located in the TACHx Options registers at offsets 90h to 93h. If slow
interrupt detection is set to 0, the count will be forced to FFFEh, else the count will be
forced to FFFFh.
7.1.4.8
Examples of Minimum RPMs Supported
The following tables show minimum RPMs that can be supported with the different parameters. The
first table uses 3 edges and the second table uses 2 edges.
Table 7.2 Max Tachometer Count Values for Different Stretch Periods
PWM STRETCHING PERIOD
MAXIMUM TACHOMETER COUNT AT END OF PERIOD
(Note 7.1)
50ms
1194h
100ms
2328h
200ms
4650h
400ms
8CA0h
600ms
D2F0h
800ms
FFFFh (Note 7.2)
950ms
FFFFh (Note 7.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com